Electronic Components Datasheet Search
  English  ▼

X  

BD433 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BD433
Description  NPN Silicon Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BD433 Datasheet(HTML) 1 Page - Micro Commercial Components

  BD433 Datasheet HTML 1Page - Micro Commercial Components BD433 Datasheet HTML 2Page - Micro Commercial Components BD433 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BD433/BD435/BD437
NPN Silicon
Power Transistors
Features
•
Intended for use in medium power near and switching applications
•
With TO-126 package
•
The complementary PNP type is BD434, BD436, BD438
Maximum Ratings
Symbol
Parameter
Rating
Unit
VCEO
Collector-Emitter Voltage
BD433
BD435
BD437
22
32
45
V
VCBO
Collector-Base Voltage
BD433
BD435
BD437
22
32
45
V
VEBO
Emitter-Base Voltage
BD433
BD435
BD437
5.0
V
IC
Collector Current
4.0
A
PC
Collector power dissipation
1.25
W
TJ
Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=100mAdc, IB=0)
BD433
BD435
BD437
22
32
45
---
---
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100
­Adc, IE=0)
BD433
BD435
BD437
22
32
45
---
---
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100
­Adc, IC=0)
5
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=22Vdc,IE=0)
BD433
(VCB=32Vdc,IE=0)
BD435
(VCB=45Vdc,IE=0)
BD437
---
1.0
uAdc
ICEO
Collector-Base Cutoff Current
(VCE=22Vdc,IE=0)
BD433
(VCE=32Vdc,IE=0)
BD435
(VCE=45Vdc,IE=0)
BD437
---
10
uAdc
IEBO
Emitter-Base Cutoff Current
(VEB=5.0Vdc, IC=0)
---
1.0
uAdc
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision: A
2011/01/01
www.mccsemi.com
1 of 3
MCC
TM
Micro Commercial Components





 

 


0.291
0.307

7.40
7.80

0.417
0.433
10.60
11.00

0.602
0.618
15.30
15.70

4
1
3.90
4.10

0.118
0.126
3.00
3.20

0.026
0.034
0.66
0.86

0.046
0.054
1.17
1.37

0.090TYP
2.290TYP

0.098
0.114
2.50
2.90
D
B
N
A
C
E
F
G
Q
K
M
N
0.043
0.059
1.10
1.50
Q
0.018
0.024
0.45
0.60
L
J
PIN 1.
EMITTER
PIN 2.
COLLECTOR
PIN 3.
BASE
1
2
3
L
0.083
0.091
2.10
2.30
M
0.000
0.012
0.00
0.30





DIMENSIONS
•
Lead Free Finish/RoHS Compliant (Note1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.


Similar Part No. - BD433

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD433 STMICROELECTRONICS-BD433 Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Jun-1997
logo
Siemens Semiconductor G...
BD433 SIEMENS-BD433 Datasheet
180Kb / 5P
NPN SILICON EPIBASE TRANSISTORS
BD433 SIEMENS-BD433 Datasheet
183Kb / 5P
PNP SILICON EPIBASE TRANSISTORS
logo
Fairchild Semiconductor
BD433 FAIRCHILD-BD433 Datasheet
44Kb / 5P
Medium Power Linear and Switching Applications
logo
STMicroelectronics
BD433 STMICROELECTRONICS-BD433 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Feb-2003
More results

Similar Description - BD433

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com