Electronic Components Datasheet Search
  English  ▼

X  

BD438 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BD438
Description  PNP Silicon Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BD438 Datasheet(HTML) 2 Page - Micro Commercial Components

  BD438 Datasheet HTML 1Page - Micro Commercial Components BD438 Datasheet HTML 2Page - Micro Commercial Components BD438 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ON CHARACTERISTICS
hFE-1
DC Current Gain
(IC=-500mAdc, VCE=-1.0Vdc)
85
---
---
hFE-2
DC Current Gain
(IC=-10mAdc, VCE=-5.0Vdc)
BD434/BD436
BD438
40
30
---
---
---
hFE-3
DC Current Gain
(IC=-2Adc, VCE=-1.0Vdc)
BD434/BD436
BD438
50
40
---
---
----
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-2.0Adc, IB=-0.2Adc)
BD434/BD436
BD438
-0.5
-0.6
---
---
Vdc
VBE
Base-Emitter Voltage
(VCE=-1.0Vdc,IC=-2.0Adc)
BD434/BD436
BD438
-1.1
-1.2
---
---
Vdc
fT
Transition Frequency
(IC=-250mAdc, VCE=-1.0Vdc)
3.0
---
MHz
Revision: A
2011/01/01
MCC
BD434, BD436, BD438
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com