Electronic Components Datasheet Search
  English  ▼

X  

KMS Datasheet(PDF) 1 Page - C&K Components

Part # KMS
Description  Microminiature SMT Side Actuated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KMS Datasheet(HTML) 1 Page - C&K Components

  KMS Datasheet HTML 1Page - C&K Components KMS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B–13
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
Actuator
2
Standard
KMS Series
Microminiature SMT Side Actuated
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
Typical Applications
• Mobile phones, pagers
• PDAs
• Medical handheld monitors
• Consumer electronics
• Telecommunication networks
Mechanical
OVERLOAD: 20N
TACTILE FEELING: 15% min. for the 2N version
25% min for the 2.5N version
Note: Specifications listed above are for switches with standard options. For information on
specific and custom switches, consult Customer Service Center.
Actuation Force
2 2 N (200 grams)
3 3 N (300 grams)
RoHS compliant and compatible
LFS
Lead free silver
LFG Lead free gold
K
M
S
2
G
Contact Material
1
Silver
3 Gold
Termination
G Gullwing
Packaging
Tape and reels in reels of 3,000 pieces.
External diameter 330mm ± 2mm.
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MAXIMUM CURRENT DC:
50 mA
10 mA
MINIMUM CURRENT DC:
1 mA
1 mA
DIELECTRIC STRENGTH: 250 VDC
CONTACT RESISTANCE:
≤100 mΩ
INSULATION RESISTANCE: 109
Ω
BOUNCE TIME:
≤ 3 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
Infared reflow soldering in accordance with IEC 61760-1
Pegs
NONE No pegs
P With pegs
Features/Benefits
• Compact size
• Excellent tactile feel
• ESD protection
• Positioning pegs for stability
• IP 40 sealing
• RoHS compliant and compatible
Operating force
Operating life
Type
Newtons (grams)
(operations)
Travel
KMS221G/GP
2N (200) ± 0.5
100 K cycles
0,25 ± 0,15
KMS223G/GP
2N (200) ± 0.5
100 K cycles
0,25 ± 0,15
KMS231G/GP
3N (300) ± 0.6
100 K cycles
0,3 ± 0,15
KMS233G/GP
3N (300) ± 0.6
100 K cycles
0,3 ± 0,15
Specification
FUNCTION: Momentary
CONTACT ARRANGEMENT: SPST, N.O.
TERMINALS: Gullwing type for SMT
IP40 Sealed


Similar Part No. - KMS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
Microminiature Side Actuated Tact Switch for SMT
logo
M-System Co.,Ltd.
KMS MSYSTEM-KMS Datasheet
98Kb / 3P
Plug-in Signal Conditioners K-UNIT
KMS-0-G MSYSTEM-KMS-0-G Datasheet
99Kb / 3P
Plug-in Signal Conditioners K-UNIT
KMS-0-G/CE MSYSTEM-KMS-0-G/CE Datasheet
99Kb / 3P
Plug-in Signal Conditioners K-UNIT
KMS-0-G/K MSYSTEM-KMS-0-G/K Datasheet
99Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KMS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
Microminiature Side Actuated Tact Switch for SMT
logo
C&K Components
PTS840 CK-COMPONENTS-PTS840 Datasheet
169Kb / 4P
Microminiature SMT Side Actuated
KMS231GLFS CK-COMPONENTS-KMS231GLFS Datasheet
515Kb / 2P
Microminiature SMT Side Actuated
KMS233GLFG CK-COMPONENTS-KMS233GLFG Datasheet
515Kb / 2P
Microminiature SMT Side Actuated
PTS820J25MSMTRLFS CK-COMPONENTS-PTS820J25MSMTRLFS Datasheet
164Kb / 3P
Microminiature SMT Top Actuated
PTS810 CK-COMPONENTS-PTS810_V01 Datasheet
197Kb / 2P
Microminiature SMT Top Actuated
14 Nov 22
PTS830 CK-COMPONENTS-PTS830_V01 Datasheet
186Kb / 3P
Microminiature SMT Top Actuated
14 Nov 22
PTS840 CK-COMPONENTS-PTS840_V01 Datasheet
230Kb / 3P
Microminiature SMT Side Actuated
14 Nov 22
PTS841 CK-COMPONENTS-PTS841 Datasheet
263Kb / 2P
Microminiature SMT Side Actuated
14 Nov 22
KMS CK-COMPONENTS-KMS_V01 Datasheet
166Kb / 2P
Microminiature SMT Side Actuated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com