Electronic Components Datasheet Search
  English  ▼

X  

KSC5 Datasheet(PDF) 1 Page - C&K Components

Part # KSC5
Description  Tact Switch with Rocker Option for SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC5 Datasheet(HTML) 1 Page - C&K Components

  KSC5 Datasheet HTML 1Page - C&K Components KSC5 Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B–30
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
R
O
H
RoHS compliant, non compatible
Contact Material
1 Silver
3 Gold
KSC5 Series
Tact Switch with Rocker Option for SMT
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
• Can be actuated from either side or top
• Silver or Gold plated terminals
• Compatible with automatic insertion
machines
• IP 50
• RoHS compliant
Mechanical
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: J bend & Gullwing type for SMT
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.): > 250 V
CONTACT RESISTANCE: < 100 m
Ω
INSULATION RESISTANCE (100 V): > 109
Ω
BOUNCE TIME: < 1 ms
K
S
C
5
Operating Force
2 2 N (200 grams)
4 3 N (300 grams)
Termination
J J bend
G Gull wing
Operating force Operating force
Travel to
Travel to
axial FA
lateral FL
make
make
Life expectancy Life expectancy
Type
N (grams) ±25% N (grams) ±30% axial (mm)
lateral (mm)
cycles, axial
cycles, lateral
KSC521G
1,5 - 2,5
1,2 - 2,6
0,25 ± 0,15
0,5 ± 0,25
100,000
10,000
KSC541G
2,25 - 3,75
1,8 - 3,8
0,25 ± 0,15
0,5 ± 0,25
100,000
10,000
Typical Applications
• Automotive
• Computers
• Instrumentation
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
SOLDERING: Infrared reflow in accordance with IEC61760-1
Packaging
Switches delivered on continuous tape & reels of 1,000 pieces,
330 (12.992) external diameter. Other dimensions according to EIA-
RS-481standard.
NOTE:
Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Other versions in terms of force, termination length and corrosion protection available.
Please contact your sales representative.
This data sheet does not provide enough information for applications which require a
certain level of quality or safety such as automotive, medical systems, safety equipment.
Please contact your sales representative to get contractual specification package.
S


Similar Part No. - KSC5

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSC5 ITT-KSC5 Datasheet
63Kb / 3P
Tact Switch with Rocker Option for SMT
logo
C&K Components
KSC5 CK-COMPONENTS-KSC5 Datasheet
1Mb / 22P
Sealed Tact Switch for SMT
26 May 22
logo
Fairchild Semiconductor
KSC5019 FAIRCHILD-KSC5019 Datasheet
38Kb / 4P
NPN Epitaxial Silicon Transistor
logo
Jiangsu Changjiang Elec...
KSC5019 JIANGSU-KSC5019 Datasheet
572Kb / 3P
TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
KSC5019 DGNJDZ-KSC5019 Datasheet
1Mb / 4P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - KSC5

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSC5 ITT-KSC5 Datasheet
63Kb / 3P
Tact Switch with Rocker Option for SMT
KSR ITT-KSR Datasheet
68Kb / 3P
Subminiature Tact Switch for SMT
logo
C&K Components
KSR211GLFS CK-COMPONENTS-KSR211GLFS Datasheet
357Kb / 2P
Subminiature Tact Switch for SMT
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
logo
ITT Industries
KMR241GLFS ITT-KMR241GLFS Datasheet
167Kb / 2P
Microminiature Tact Switch for SMT
logo
C&K Components
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
EL CK-COMPONENTS-EL Datasheet
247Kb / 2P
Basic Tact Switch for SMT
4 Aug 21
KSC CK-COMPONENTS-KSC_V02 Datasheet
1Mb / 22P
Sealed Tact Switch for SMT
26 May 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com