Electronic Components Datasheet Search
  English  ▼

X  

LCA Datasheet(PDF) 2 Page - C&K Components

Part # LCA
Description  Subminiature Snap-acting Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

LCA Datasheet(HTML) 2 Page - C&K Components

  LCA Datasheet HTML 1Page - C&K Components LCA Datasheet HTML 2Page - C&K Components LCA Datasheet HTML 3Page - C&K Components LCA Datasheet HTML 4Page - C&K Components LCA Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
J
J–22
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
LCA Series
Subminiature Snap-acting Switches
SERIES
3.2
ø 2.5
ø 2.4
19.8
2.0
R0.3
1.2
3.3
1.9
8.8
7.3
5.1
9.5
0.6
7.5
6.4
LCA
ELECTRICAL RATING
OPERATING FORCE
150 grams max.
150
OPERATING FORCES (grams)
OPTION CODE
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
OPTION CODE
ELECTRICAL RATING
.1A, 125/250 VAC
YES
01
YES
6A, 125/250 VAC
YES
06
YES
10.1A, 125/250 VAC
YES
10
YES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com