Electronic Components Datasheet Search
  English  ▼

X  

LCS Datasheet(PDF) 4 Page - C&K Components

Part # LCS
Description  Subminiature Sealed Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

LCS Datasheet(HTML) 4 Page - C&K Components

  LCS Datasheet HTML 1Page - C&K Components LCS Datasheet HTML 2Page - C&K Components LCS Datasheet HTML 3Page - C&K Components LCS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
J
J–29
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
TYP
7.5 ± 0.2
4.00 TYP
3X
/1.5
1.35
TYP
7.5 ± 0.1
15±0.1
RECOMENDED
MOUNTING PATTERN
LCS Series
Subminiature Sealed Snap-acting Switches
TERMINATIONS
3.2 TYP
1.6 TYP
2.4
TYP
7.5 ± 0.2
S
SOLDER
Q
QUICK CONNECT 2.8mm / 0.110”
P
PC THRU HOLE
1.2 TYP
6.95
TYP
7.5 ± 0.1
CIRCUITRY
C
SPDT (Single Pole, Double Throw)
W
SPST N.C. (Single Pole, Single Throw, Normally Closed)
Y
SPST N.O. (Single Pole, Single Throw, Normally Open)
Z or W
“A” WIRE ORIENTATION
304.8
± 6.4
8.5
15.95
3±1
C: BLACK
NO: BLUE NC: GRAY
Z or W
“B” WIRE ORIENTATION
“Y” OR “W” CIRCUITRY
21.3
3±1
12±0.1
6.4
8.5
BLACK COM
BLUE NO
Z or W
“C” WIRE ORIENTATION
“Y” OR “W” CIRCUITRY
8.5
12 ± 0.1
3±1
6.4
21.3
BLACK COM
BLUE NO
Z or W
“B” WIRE ORIENTATION
“C” CIRCUITRY
21.3
12 ±0.1
3±1
12.3
6.4
BLACK COM
GRAY NC
BLUE NO
Z or W
“C” WIRE ORIENTATION
“C” CIRCUITRY
21.3
12 ± .1
3±1
12.3
6.4
BLACK COM
GRAY NC
BLUE NO



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com