Electronic Components Datasheet Search
  English  ▼

X  

RTBH Datasheet(PDF) 1 Page - C&K Components

Part # RTBH
Description  1-2 Pole Coded Rotary Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTBH Datasheet(HTML) 1 Page - C&K Components

  RTBH Datasheet HTML 1Page - C&K Components RTBH Datasheet HTML 2Page - C&K Components RTBH Datasheet HTML 3Page - C&K Components RTBH Datasheet HTML 4Page - C&K Components RTBH Datasheet HTML 5Page - C&K Components RTBH Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
K
K–18
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
RTBH Series
1-2 Pole Coded Rotary Switches
Features/Benefits
• Totally sealed
• Detent angles, 15 , 22.5 , 30 and 36
• Multi pole
• Coding functions
• Robust construction
• RoHS Compliant
Typical Applications
• Telecommunications
• Military
• Instrumentation
• Heavy-duty industrial equipment
Electrical Data
Silver
Gold
SWITCHING MODE:
BBM*
BBM*
MAX. SWITCHING POWER:
5VA
0.2VA
Max. SWITCHING CURRENT:
250 mA
20 mA
MIN. SWITCHING CURRENT:
10 mA
1 mA
MAX. CARRYING CURRENT:
5A
1A
MAX. VOLTAGE:
25V
25V
MIN. VOLTAGE:
5V
1V
BOUNCE:
<5ms
<5ms
CONTACT RESISTANCE after life:
<100m
Ω
<100m
Ω
DIALECTRIC STRENGTH between
contacts or contacts and frame:
500 V rms
500 V rms
INSULATION RESISTANCE between
contacts or contacts and frame:
>109
Ω
>109
Ω
Mechanical Data
NUMBER OF BANKS:
1 to 4
OPERATING TORQUE:
5 Ncm±30% (with 1 module)
MECHANICAL STOP RESISTANCE:
>70 Ncm
BUSHING MOUNTING TORQUE:
100 Ncm
Materials
HOUSING: PBT thermoplastic and PC thermoplastic
STATIONARY CONTACTS & TERMINALS: Nickel plated Brass aith
additional Gold or Silver plating, insert molded in PBT thermoplastic.
ROTOR: Printed circuit, gold or silver plated.
ACTUATOR: Steel
BUSHING: Brass
HARDWARE: Stop pin and spring: Stainless steel
All models are RoHS compliant and compatible.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages K-19 thru K-23. For additional options not shown in catalog, consult Customer Service Center.
Designation
RTBH
Indexing
1 15°/24 positions max.
2 22.5°/16 positions max.
3 30°/12 positions max.
4 36°/10 positions max.
Number
of Banks**
1
1 Bank
2
2 Banks
3
3 Banks
4
4 Banks
Switch Function Number of Poles or code (binary
code = B, complement = C, direct +complement
= BC) (first digit), Stop (with=S, without=W),
Maximum Position (third & fourth digit)
1S02
SP, 02 positions with stop
1S03
SP, 03 positions with stop
1S04
SP, 04 positions with stop
1S05
SP, 05 positions with stop
1S06
SP, 06 positions with stop
1S07
SP, 07 positions with stop
1S10
SP, 10 positions with stop
1W10
SP, 10 positions without stop
1S11
SP, 11 positions with stop
1S12
SP, 12 positions with stop
1W12
SP, 12 positions without stop
1S14
SP, 14 positions with stop
1S16
SP, 16 positions with stop
Shaft Diameter & Style***
N
Metric shaft .236 (6,0)
P
Standard shaft .250 (6,35)
F
Metric shaft with flat .236 (6,0)
G
Standard shaft with flat .250 (6,35)
S
Metric shaft with slot .236 (6,0)
T
Standard shaft with slot .250 (6,35)
Actuator Length
Z (.984) 25 mm
Contact Material
S Silver plated, matte-tin terminal
P Gold plated, matte-tin terminal
Seal
A
Standard bushing for panel mount
D
Sealed bushing for panel mount
* Other angles available by request
** Several functions can be combined. For more information consult us.
Actuator Option Angle*
N
None for actuators without a flat
0
0° angle
3
30° angle
6
60° angle
9
90° angle
2
120° angle
8
180° angle
7
270° angle
Environmental Data
OPERATING TEMPERATURE:
-250C to +700C
STORAGE TEMPERATURE:
-400C to +850C
TOTALLY SEALED:
Immersion test acc. to MIL
R22.097 F and NFC 20631/QF
* BBM= Break Before Make (non-starting)
1W16 SP, 16 positions without stop
1S24 SP, 24 positions with stop
1W24 SP, 24 positions without stop
2S04 DP, 4 positions with stop
2S05 DP, 5 positions with stop
2S06 DP, 6 positions with stop
GS_ _ Gray Code with stop (indicate position)
GW_ _ Gray Code without stop (indicate position) only can be 10,12, 16, 24 based on indexing
BS_ _ Binary Code with stop (indicate position)
BW_ _ Binary Code without stop (indicate position) only can be 10,12, 16, 24 based on indexing
CS_ _ Complement with stop (indicate position)
CW_ _ Complement without stop (indicate position) only can be 10,12, 16, 24 based on indexing
ES_ _ Direct+Complement with stop (indicate position)
EW_ _ Direct+Complement without stop (indicate position) only can be 10,12, 16, 24 based on indexing
***Note: Metric diameter shafts are only available with metric diameter bushings, standard 1.250 inch
diameter shafts are only available with standard 3/8 diameter bushings.
NOTE: S&T Shaft Diameter and Style are only available with Actuator Option angle 0, 6, 9, 2.


Similar Part No. - RTBH

ManufacturerPart #DatasheetDescription
logo
ITT Industries
RTBH ITT-RTBH Datasheet
361Kb / 6P
1-2 Pole Coded Rotary Switches
RTBH151116BADD63G ITT-RTBH151116BADD63G Datasheet
361Kb / 6P
1-2 Pole Coded Rotary Switches
RTBH151116BADD63K025G ITT-RTBH151116BADD63K025G Datasheet
361Kb / 6P
1-2 Pole Coded Rotary Switches
RTBH151116BADD63K025S ITT-RTBH151116BADD63K025S Datasheet
361Kb / 6P
1-2 Pole Coded Rotary Switches
RTBH151116BADD63K27025G ITT-RTBH151116BADD63K27025G Datasheet
361Kb / 6P
1-2 Pole Coded Rotary Switches
More results

Similar Description - RTBH

ManufacturerPart #DatasheetDescription
logo
ITT Industries
RTBH ITT-RTBH Datasheet
361Kb / 6P
1-2 Pole Coded Rotary Switches
RTBV ITT-RTBV Datasheet
409Kb / 6P
1-2 Pole Coded Rotary Switches
logo
C&K Components
RTA CK-COMPONENTS-RTA Datasheet
457Kb / 5P
1?? Poles Coded Rotary Switches
RTBV CK-COMPONENTS-RTBV Datasheet
395Kb / 6P
1-2 Pole Coded Rotary Switches
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com