Electronic Components Datasheet Search
  English  ▼

X  

PHT40012 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PHT40012
Description  400A Avg 1200~1600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHT40012 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PHT40012 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PHT40012 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PHT40012 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PHT40012 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
─ 163 ─
THYRISTOR
■回路図 CIRCUIT
■外形寸法図 OUTLINE DRAWING
(単位 Dimension:mm)
1
K1 G1
2
■最大定格 Maximum Ratings
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
1200
V
非くり返しピーク逆電圧
Non Repetitive Peak Reverse Voltage
VRSM
1300
V
PHT40012
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
平均整流電流
Average Rectified Output Current
I0(AV)
商用周波数 180°通電
Tc=61℃
Half Sine Wave
400
A
実効オン電流
RMS On-State Current
IT
(RMS)
630
A
電流二乗時間積
I Squared t
I
2t
2∼10ms
259000
A
2
s
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+125
℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125
℃
締付トルク
Mounting Torque
F
サーマルコンパウンド塗布
Greased
2.5∼3.5
N・m
9.0∼10.0
N・m
ベース部
Mounting
主端子部
Terminal
サージオン電流
Surge On-State Current
ITSM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
7200
A
M6
M8
くり返しピークオフ電圧
Repetitive Peak Off-State Voltage
VDRM
1200
V
非くり返しピークオフ電圧
Non Repetitive Peak Off-State Voltage
VDSM
1300
V
ピークゲート逆電圧
Peak Gate Reverse Voltage
VRGM
5
V
ピークゲート電圧
Peak Gate Voltage
VGM
10
V
ピークゲート電流
Peak Gate Current
IGM
2
A
平均ゲート電力損失
Average Gate Power
PG
(AV)
1
W
ピークゲート電力損失
Peak Gate Power
PGM
5
W
臨界オン電流上昇率
Critical Rate of Rise of Turned-On Current
di/dt
VD=2/3VDRM,ITM=2・IO,Tj=125℃
IG=300mA,diG/dt=0.2A/μs
100
A/μs
絶縁耐圧
Isolation Voltage
Viso
端子−ベース間,AC1分間
Terminal to Base, AC1min.
2500
V
400A Avg 1200∼1600 Volts PHT40012 PHT40016
1600
1700
PHT40016
1600
1700


Similar Part No. - PHT40012

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHT40012 NIEC-PHT40012 Datasheet
287Kb / 5P
THYRISTOR MODULE 400A / 1200V to 1600V
More results

Similar Description - PHT40012

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC40016 NIEC-PC40016 Datasheet
269Kb / 2P
DIODE 400A Avg 1600 Volts
PH400N16 NIEC-PH400N16 Datasheet
287Kb / 2P
DIODE 400A Avg 1600 Volts
PH40016 NIEC-PH40016 Datasheet
266Kb / 2P
DIODE 400A Avg 1600 Volts
PC3012 NIEC-PC3012_1 Datasheet
151Kb / 2P
30A Avg 1200 1600 Volts
PC20012 NIEC-PC20012_1 Datasheet
153Kb / 2P
200A Avg 1200 1600 Volts
PDT6012 NIEC-PDT6012_1 Datasheet
253Kb / 4P
60A Avg 1200~1600 Volts
PDT10012 NIEC-PDT10012_1 Datasheet
261Kb / 4P
100A Avg 1200~1600 Volts
PDT40012 NIEC-PDT40012_1 Datasheet
242Kb / 4P
400A Avg 1200~1600 Volts
PT76S12 NIEC-PT76S12_1 Datasheet
117Kb / 2P
75A Avg 1200 1600 Volts
PT200S12 NIEC-PT200S12_1 Datasheet
123Kb / 2P
200A Avg 1200~1600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com