Electronic Components Datasheet Search
  English  ▼

X  

SPA02AB Datasheet(PDF) 1 Page - C&K Components

Part # SPA02AB
Description  Single In-line Package Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SPA02AB Datasheet(HTML) 1 Page - C&K Components

  SPA02AB Datasheet HTML 1Page - C&K Components SPA02AB Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H
Specifications
CONTACT RATING:
Carry: 10 mA @ 5VDC
Switching: 0.1 mA @ 0.1m VDC min.
MECHANICAL AND ELECTRICAL LIFE: 1,000 cycles min.
CONTACT RESISTANCE: 50 m
Ω max. @ 20 V DC 10mA.
INSULATION RESISTANCE: 100 M
Ω min. @ 100 V DC.
DIELECTRIC STRENGTH: 1 minute @ 300 V AC.
CAPACITANCE: 5pF max. between adjacent terminals.
OPERATING TEMPERATURE: -30°C to 60°C.
STORAGE TEMPERATURE: -30°C to 80°C.
OPERATING FORCE: 5.9N max.
SOLDERABILITY: Dip & look solderability testing per C&K spec.
#448. Unplated edges of terminals permitted.
PACKAGING: Switches supplied in rigid dispensing tubes in full-
tube quantities only, this may affect order quantity. Numbers of
switches per tube varies with model.
Materials
BASE: PPS (UL94V-0).
COVER: PBT (UL94V-0).
ACTUATOR: 4/6 Nylon (UL 94V-0).
MOVABLE CONTACT: Beryllium copper alloy, gold over nickel plate.
FIXED CONTACT: Copper alloy, gold over nickel plate.
CLIP: Phosphor bronze wire. Phosphor bronze, Tin over nickel plate.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
SPA Series
Single In-line Package Switches
Features/Benefits
• Thin Single In-line Packaging saves
PCB space
• Retention feature holds part to PCB
prior to soldering
• Available in vertical or right angle
models
• High pressure contact system
does not require tape sealing
• RoHS compliant
Typical Applications
• Address switch for industrial
controls
• Logic switching for computers
and peripherals
• Function controlling for
numerous applications
How To Order
Our easy Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete
listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box.
All switches supplied in “OFF” position.
Number of
Positions
SPA02 2 positions
SPA04 4 positions
SPA06 6 positions
SPA08 8 positions
SPA10 10 positions
Switch Function
NONE Vertical
A
Right Angle
Contact material
B Gold
S P A
B
H–19
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
SEE
DETAIL A
DIM. 'A'
DIM. 'C'
3x
1200
400
ø7.48
ø(190,0)
ø.512
ø(13,0)
ø.827
ø(21,0)
13.0
(330)
3.937
(100,0)
DIM. 'E'
2 x .079 (2P-7P)
(2 x 2.0)
2 x .118 (8P-10P)
(2 x 3.0)
.079
(2,00)
.079
(2,00)
.079
(2,00)
.069
(1,75)
0.020
(0,5)
.157
(4,00)
.450
(11,5)
.630
(16,0)
.315
(8,00)
30
MAX.
30 MAX.
DIM 'D'
Ø.012
(0,30)
MAX.
Ø.059
(1,50)
Ø.012
(0,30)
MAX.
Ø.012
(0,30)
MAX.
.630
(16,0)
0.020
(0,5)
30
MAX.
DIM 'D'
DIM. 'A'
.079
(2,00)
.069
(1,75)
.157
(4,00)
Ø.059
(1,50)
DIM. 'B'
DIM. 'C'
.450
(11,5)
.315
(8,00)
30 MAX.
FEED DIRECTION
FEED DIRECTION
Ø.012
(0,30)
MAX.
0.079
(2,00)
0.157
(4,0)
0.069
(1,75)
DIM 'A'
30
DIM 'D'
0.360
0.098
(2,5)
0.315
(8,0)
30 MAX
Ø 0.059
(Ø 1,50)
MAX
0.209
(5,3)
FEED DIRECTION
DIM 'C'


Similar Part No. - SPA02AB

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPA02A-05 MEANWELL-SPA02A-05 Datasheet
247Kb / 1P
2W DC-DC Regulated Single Output Converter
SPA02A-05 MEANWELL-SPA02A-05 Datasheet
249Kb / 1P
2W DC-DC Regulated Single Output Converter
SPA02A-12 MEANWELL-SPA02A-12 Datasheet
247Kb / 1P
2W DC-DC Regulated Single Output Converter
SPA02A-12 MEANWELL-SPA02A-12 Datasheet
249Kb / 1P
2W DC-DC Regulated Single Output Converter
SPA02A-15 MEANWELL-SPA02A-15 Datasheet
247Kb / 1P
2W DC-DC Regulated Single Output Converter
More results

Similar Description - SPA02AB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SP02B ITT-SP02B Datasheet
160Kb / 2P
Single In-line Package Switches
logo
ALPS ELECTRIC CO.,LTD.
SSGM120100 ALPS-SSGM120100 Datasheet
160Kb / 5P
Dual In-line Package Type Switches
logo
GREATECS
DX19 GREATECS-DX19 Datasheet
209Kb / 1P
Single In Line DIP Switches (SIP Switches)
logo
Shindengen Electric Mfg...
D2SBA60 SHINDENGEN-D2SBA60_17 Datasheet
557Kb / 4P
Single In-line Package
D3SB60 SHINDENGEN-D3SB60_17 Datasheet
444Kb / 4P
Single In-line Package
D4SBL20U SHINDENGEN-D4SBL20U_17 Datasheet
615Kb / 4P
Single In-line Package
D5SB60 SHINDENGEN-D5SB60_17 Datasheet
440Kb / 4P
Single In-line Package
D15XBN20 SHINDENGEN-D15XBN20_17 Datasheet
573Kb / 4P
Single In-line Package
logo
C&K Components
SP CK-COMPONENTS-SP Datasheet
166Kb / 2P
Single In-line Package Switches
2006
SPA CK-COMPONENTS-SPA_V01 Datasheet
196Kb / 2P
Single In-line Package Switches
26 Aug 20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com