Electronic Components Datasheet Search
  English  ▼

X  

TSW Datasheet(PDF) 1 Page - C&K Components

Part # TSW
Description  3 or 7 Function Tact and Scroll Wheel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TSW Datasheet(HTML) 1 Page - C&K Components

  TSW Datasheet HTML 1Page - C&K Components TSW Datasheet HTML 2Page - C&K Components TSW Datasheet HTML 3Page - C&K Components TSW Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
18.52
9.00
9.26
4.50
1.00
ø 21
ø 3
R0,6
+0
3.5 -0.10
+0,08
ø1,5 0
9
18,52
CONTACT CONFIGURATION
Rotation output waveform
NO
COM.
ON
OFF
Numbers of detent : 24
Pulse/Rotation : 12 pulse/360˚
B-Com
CW
ON
OFF
ANGLE
CONTACT
A-Com
-60˚
-90˚
0˚
-30˚
CCW
30˚
60˚
90˚
Push
PCB LAYOUT
-0
-0
2x ø 1.6+0.05
4x ø 1.3+0.05
B
COM
A
COVER DESIGN GUIDELINE
NO
C
C-6
TSW Series
3 or 7 Function Tact and Scroll Wheel
Environmental
OPERATING TEMPERATURE: 0˚C / 40˚C
STORAGE TEMPERATURE: -40˚C / 70˚C
VIBRATION RESISTANCE: 10 ~ 55 Hz, displacement 0.75mm (p-p)
SHOCK RESISTANCE: Destruction 1,000 m/s2 (approx. 100G) max.
WAVE SOLDERING: Max. 260˚C for 5 seconds
HAND SOLDERING: Max. 260˚C for 5 seconds
Operation Characteristics
OPERATING FORCE: See chart below
24 detent - 12 pulses/360˚
Specifications
INITIAL CONTACT RESISTANCE: Max. 300m
Ω
INSULATION RESISTANCE: Min. 100 M
Ω (100 VDC)
RATING: 1mA 10 VDC
LIFE CYCLE: See chart below
OPERATING FREQUENCY:
Rotation - Max. 30 operations per minute
Push - Max. 120 operations per minute
Depression - Max. 300 gf
Features/Benefits
• Compact and slim
• Multiple function in one
component (rotary, select)
• Easy installation
• Through hole termination
• Integrated decoration (B type)
Typical Applications
• Remote controls
• Desk phones
• Keyboards
• Printers
• Entertainment systems
• White goods
TSWA-3N-C LFS
Base switch with jog and select, no decoration
Rotation
Push
Cycle Life
Cycle
Designation
Number of
Actuation
Actuation
Rotation
Life
Circuits
Force
Force
(per direction)
Push
TSWA
3
Max. 60g - cm
220g ± 50g
1,000K cycles
1,000K cycles
TSWB
5
Max. 50g - cm
Max 300g
1,000K cycles
1,000K cycles
Part Number
Description
Tray
Box
TSWA-3N-C LFS
Base switch with jog and select, no decoration
80
160
TSWA-3N-CB11 LFS
Base switch with jog and select, white central button, white dial
65
130
TSWA-3N-CD23 LFS
Base switch with jog and select, black central button, grey dial
30
60
TSWB-3N-CB111 LFS
Central select with jog and 4 directions, white central button, dial & direction ring
30
60
TSWB-3N-CB222 LFS
Central select with jog and 4 directions, black central button, dial & direction ring
30
60
www.ck-components.com
4,75


Similar Part No. - TSW

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TSW SAMTEC-TSW Datasheet
532Kb / 2P
SLIM BODY FLAT RIBBON IDC CABLES (2.54 mm) .100" PITCH
logo
Omega Engineering, Inc.
TSW OMEGA-TSW Datasheet
158Kb / 1P
Adjustable Temperature Switches
logo
SHINMEI ELECTRIC CO., L...
TSW-1 SHINMEI-TSW-1 Datasheet
117Kb / 3P
Body Height 1.8mm, Side Push Type Tactile Switches
logo
Amphenol Corporation
TSW-10 AMPHENOL-TSW-10 Datasheet
87Kb / 2P
Turbidity Sensor
logo
SHINMEI ELECTRIC CO., L...
TSW-10 SHINMEI-TSW-10 Datasheet
272Kb / 5P
Body Height 1.6mm, Compact-sized Multifunction Type Tactile Body Height 1.6mm, Compact-sized Multifunction Type Tactile
More results

Similar Description - TSW

ManufacturerPart #DatasheetDescription
logo
ams AG
AO331 AMSCO-AO331 Datasheet
15Kb / 2P
AND / OR circuit providing the logical function Q
logo
List of Unclassifed Man...
OA22 ETC1-OA22 Datasheet
11Kb / 1P
OR / AND circuit providing the logical function Q
logo
AVAGO TECHNOLOGIES LIMI...
AMRX-1510 AVAGO-AMRX-1510 Datasheet
292Kb / 7P
Ultra-slim Scroll Wheel with 5-way Switch
logo
Allegro MicroSystems
A1174 ALLEGRO-A1174 Datasheet
423Kb / 13P
Ultrasensitive Hall Effect Latch with Internally or Externally Controlled Sample and Sleep Periods for Track Ball and Scroll Wheel Applications
logo
Baumer IVO GmbH & Co. K...
MA20 IVO-MA20 Datasheet
317Kb / 2P
With measuring arm and wheel
logo
BOWIN ELECTRONIC CO.
LS6109 BOWIN-LS6109 Datasheet
99Kb / 9P
Scroll Second Watch
logo
List of Unclassifed Man...
BA1R ETC2-BA1R Datasheet
570Kb / 4P
Multi-function or mono-function
BL1R ETC2-BL1R Datasheet
611Kb / 3P
Multi-function or mono-function
BM1R ETC2-BM1R Datasheet
772Kb / 4P
Multi-function or mono-function
BM2R ETC2-BM2R Datasheet
774Kb / 4P
Multi-function or mono-function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com