Electronic Components Datasheet Search
  English  ▼

X  

ZMA Datasheet(PDF) 3 Page - C&K Components

Part # ZMA
Description  Subminiature Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ZMA Datasheet(HTML) 3 Page - C&K Components

  ZMA Datasheet HTML 1Page - C&K Components ZMA Datasheet HTML 2Page - C&K Components ZMA Datasheet HTML 3Page - C&K Components ZMA Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
'A'
'B'
E
'A'
'B'
E
'A'
'B'
E
'A'
'B'
E
'A'
'B'
E
'A'
'B'
E
'A'
'B'
E
'A'
'B'
E
'A'
'B'
ZMA Series
Subminiature Snap-acting Switches
ACTUATOR
P00
PIN PLUNGER
J
J–38
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
S03
SIMULATED ROLLER
6.03MM
L30
LEVER
21.25MM
L11
LEVER
8.21MM
S07
SIMULATED ROLLER
0.75MM
L08
LEVER
3.95MM
A03
ROLLER
1.87MM
L04
ROLLER
4.55MM
S06
SIMULATED
ROLLER
2.03MM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com