Electronic Components Datasheet Search
  English  ▼

X  

BF421 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BF421
Description  PNP Silicon Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BF421 Datasheet(HTML) 1 Page - Micro Commercial Components

  BF421 Datasheet HTML 1Page - Micro Commercial Components BF421 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BF421
BF423
PNP Silicon
Plastic-Encapsulate
Transistor
Features
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V (BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1.0mAdc, IB=0)
BF421
BF423
300
250
---
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(I C=100uAdc, IE=0)
BF421
BF423
300
250
---
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(I E=100uAdc, IC=0)
5.0
---
Adc
ICBO
Collector Cutoff Current
(V CB=200Vdc, IE=0)
---
0.01
uAdc
IEBO
Emitter Cutoff Current
(V EB=5.0Vdc, IC=0)
---
0.05
uAdc
ON CHARACTERISTICS
h FE
DC Current Gain
(IC=25mAdc,V CE=20Vdc)
50
---
---
V CE(sat)
Collector-Emitter Saturation Voltage
(IC=30mAdc, IB=5.0mAdc)
---
0.6
Vdc
f T
Transition Frequency
(VCE=10Vdc, IC=10mA dc, f=100MHz)
60
---
MHz
TO-92
AE
B
C
D
G
Revision: A
2011/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.096
.104
2.44
2.64
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
•
Marking: Type Number
•
Capable of 0.83Watts of Power Dissipation.
•
Collector-current 0.1A
•
Collector-base Voltage: BF421 300V
BF423 250V
•
Operating and storage junction temperature range: -55
OC to +150OC
E
C
B


Similar Part No. - BF421

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BF421 MOTOROLA-BF421 Datasheet
119Kb / 4P
High Voltage Transistors(PNP)
logo
ON Semiconductor
BF421 ONSEMI-BF421 Datasheet
82Kb / 4P
High Voltage Transistors(PNP Silicon)
1998 REV 1
logo
NXP Semiconductors
BF421 PHILIPS-BF421 Datasheet
62Kb / 6P
PNP high-voltage transistors
2004 Nov 10
logo
Siemens Semiconductor G...
BF421 SIEMENS-BF421 Datasheet
124Kb / 4P
PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
logo
General Semiconductor
BF421 GE-BF421 Datasheet
39Kb / 2P
Small Signal Transistors (PNP)
More results

Similar Description - BF421

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1015-O MCC-2SA1015-O Datasheet
84Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA1015-O MCC-2SA1015-O_11 Datasheet
390Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
2SA1162-O MCC-2SA1162-O Datasheet
199Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SB772-R MCC-2SB772-R Datasheet
298Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
BD772-R MCC-BD772-R Datasheet
383Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
MPS2907 MCC-MPS2907 Datasheet
244Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMSS8550-L MCC-MMSS8550-L_13 Datasheet
164Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA733-R MCC-2SA733-R_16 Datasheet
411Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9012-L MCC-MMS9012-L_13 Datasheet
161Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9015-L MCC-MMS9015-L_13 Datasheet
344Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com