Electronic Components Datasheet Search
  English  ▼

X  

CXT5401 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # CXT5401
Description  PNP Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

CXT5401 Datasheet(HTML) 1 Page - Micro Commercial Components

  CXT5401 Datasheet HTML 1Page - Micro Commercial Components CXT5401 Datasheet HTML 2Page - Micro Commercial Components CXT5401 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CXT5401
PNP
Plastic-Encapsulate
Transistors
Features
x Switching and amplification in high voltage Applications such as telephony
x
Epoxy meets UL 94 V-0 flammability rating
x
Moisure Sensitivity Level 1
Maximum Ratings
Symbol
Rating
Value
Unit
VCEO
Collector-Emitter Voltage
150
V
VCBO
Collector-Base Voltage
160
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current DC
0.5
A
PC
Collector Power Dissipation
0.5
W
TJ
Junction Temperature
150
OC
TSTG
Storage Temperature
-65 to +150
OC
Electrical Characteristics @ 25
qC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
VCBO
Collector-Base Voltage
(IC=100uAdc, IE=0)
160
---
---
Vdc
VCEO
Collector-Emitter Voltage
(IC=1mAdc, IB=0)
VEBO
Emitter-Base Voltage
(IE=10uAdc, IC=0)
5.0
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=120Vdc, IE=0)
---
---
50
nAdc
IEBO
Emitter Cutoff Current
(VEB=3.0Vdc, IC=0)
---
---
50
nAdc
hFE(1)
DC Current Gain
(VCE=5.0Vdc, IC=1mAdc)
50
---
---
hFE(2)
DC Current Gain
(VCE=5.0Vdc, IC=10mAdc)
hFE(3)
DC Current Gain
(VCE=5.0Vdc, IC=50mAdc)
50
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=10mAdc,IB=1mAdc)
---
---
0.2
VBE(sat)
Base-Emitter Voltage
fT
Transition Frequency
(VCE=10Vdc, IC=10mAdc,
f=100MHz)
100
---
300
MHz
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/04/27




















SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
www.mccsemi.com
1 of 3




 

 
 











25











































B
A
E
D
G
H
F
K
J
C





















1.55
.061
REF.


123




























































---
---
---
VBE(sat)
Base-Emitter Voltage
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=50mAdc,IB=5mAdc)
---
---
0.5
(IC=10mAdc,IB=1mAdc)
---
---
(IC=50mAdc,IB=5mAdc)
---
---
Cob
Collector output capacitance
Vdc
Vdc
Vdc
pF
Vdc
300
60
---
NF
Noise figure
(VCE=5Vdc, IC=0.2mAdc,
f=10MHz-15.7KHZ,Rs=10ohm)
---
8
---
6
---
dB
1
1
150
---
---
Vdc
(VCB=10Vdc, IE=0, f=1MHz)
---
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
TM
Micro Commercial Components


Similar Part No. - CXT5401

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT5401 CENTRAL-CXT5401 Datasheet
100Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
CXT5401 HTSEMI-CXT5401 Datasheet
613Kb / 2P
TRANSISTOR (PNP)
logo
GUANGDONG HOTTECH INDUS...
CXT5401 HOTTECH-CXT5401 Datasheet
306Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
Surface Mount PNP Silicon Transistor
logo
Micro Commercial Compon...
CXT5401 MCC-CXT5401 Datasheet
459Kb / 3P
PNP Plastic-Encapsulate Transistors
More results

Similar Description - CXT5401

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com