Electronic Components Datasheet Search
  English  ▼

X  

DAN217 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DAN217
Description  200mW 80Volt Plastic-Encapsulate Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DAN217 Datasheet(HTML) 1 Page - Micro Commercial Components

  DAN217 Datasheet HTML 1Page - Micro Commercial Components DAN217 Datasheet HTML 2Page - Micro Commercial Components DAN217 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DAN217
200mW 80Volt
Plastic-Encapsulate
Diode
Features
•
Low Current Leakage and Low Cost
•
Small Outline Surface Mount Package
Maximum Ratings
•
Operating Temperature: -40°C to +150°C
•
Storage Temperature: -55°C to +150°C
Pin Configuration
Top View
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
www.mccsemi.com
Revision:
A
20
11/01/01
SOT-23
TM
Micro Commercial Components
1 of 3
Electrical Characteristics @ 25°C Unless Otherwise Specified
Parameter
Symbol
Peak reverse voltage
VRM
DC reverse voltage
VR
Maximum forward current
IFM
Average forward current
IO
Surge current
IFSM
Power dissipation
PD
Junction temperature
Tj
Parameter
Symbol Test conditions
MIN
MAX
UNIT
Reverse breakdown voltage
VBR
IR=100uA
80
V
Reverse voltage leakage
current
Forward voltage
VF
IF=100mA
1200
mV
Limits
Unit
80
80
300
125
1000
200
V
V
mA
mA
mA
mW
100
uA
IR
VR=70V
0.1
C/A
A
C
BA1
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - DAN217

ManufacturerPart #DatasheetDescription
logo
Rohm
DAN217 ROHM-DAN217 Datasheet
68Kb / 2P
Switching diode
DAN217 ROHM-DAN217 Datasheet
172Kb / 3P
Switching diode
logo
Galaxy Semi-Conductor H...
DAN217 BILIN-DAN217 Datasheet
148Kb / 2P
Surface mount switching diode
logo
Rohm
DAN217 ROHM-DAN217 Datasheet
1,013Kb / 3P
Switching Diode
logo
Shenzhen Luguang Electr...
DAN217 LUGUANG-DAN217 Datasheet
219Kb / 2P
Surface Mount Switching Diode
More results

Similar Description - DAN217

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS40WT MCC-BAS40WT_11 Datasheet
180Kb / 3P
200mW 40Volt Plastic-Encapsulate Diode
BAV99DW MCC-BAV99DW Datasheet
197Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
DAN217U MCC-DAN217U Datasheet
215Kb / 3P
200mW 80Volt Plastic-Encapsulate Diode
BAV99BRW MCC-BAV99BRW_13 Datasheet
281Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99WT MCC-BAV99WT_13 Datasheet
255Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV199DW MCC-BAV199DW_13 Datasheet
583Kb / 3P
200mW 85Volt Plastic-Encapsulate Diode
BAV99DW-TP MCC-BAV99DW-TP Datasheet
226Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
DAN217 MCC-DAN217_13 Datasheet
415Kb / 3P
200mW 80Volt Plastic-Encapsulate Diode
DAN217U MCC-DAN217U_13 Datasheet
334Kb / 3P
200mW 80Volt Plastic-Encapsulate Diode
BAS40WT MCC-BAS40WT_13 Datasheet
258Kb / 3P
200mW 40Volt Plastic-Encapsulate Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com