Electronic Components Datasheet Search
  English  ▼

X  

DL4002 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DL4002
Description  1 Amp Glass Passivated Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL4002 Datasheet(HTML) 1 Page - Micro Commercial Components

  DL4002 Datasheet HTML 1Page - Micro Commercial Components DL4002 Datasheet HTML 2Page - Micro Commercial Components DL4002 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DL4001
THRU
DL4007
1 Amp Glass
Passivated Rectifier
50 to 1000 Volts
MELF
SUGGESTED SOLDER
PAD LAYOUT
Features
•
Glass Passivated Junction
•
Low Current Leakage
•
Surface Mount Applications
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.185
.205
4.70
5.20
B
.018
.022
0.46
0.56
Nominal
C
.095
.105
2.40
2.67
∅
Maximum Ratings
MCC
Part Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DL4001
-------
50V
35V
50V
DL4002
-------
100V
70V
100V
DL4003
-------
200V
140V
200V
DL4004
-------
400V
280V
400V
DL4005
-------
600V
420V
600V
DL4006
-------
800V
560V
800V
DL4007
-------
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 75
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
50
µA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
12pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
Cathode Mark
.220”
.035”
.115”
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
•
Operating Temperature: -65
°C to +150°C
•
Storage Temperature: -65
°C to +150°C
•
Maximum Thermal Resistance; 30
°C/W Junction To Lead
DL4001
NOT RECOMMENDED FOR NEW DESIGNS
USE GS1A-LTP~GS1M-LTP SERIES
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.


Similar Part No. - DL4002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DL4002 DIODES-DL4002 Datasheet
57Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16001 Rev. D-2
logo
Micro Commercial Compon...
DL4002 MCC-DL4002 Datasheet
79Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
Diotech Company.
DL4002 DIOTECH-DL4002 Datasheet
947Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
DL4002 DIOTECH-DL4002 Datasheet
947Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Shenzhen Luguang Electr...
DL4002 LUGUANG-DL4002 Datasheet
181Kb / 2P
1.0Ampere Rectifiers Glass Passivated
More results

Similar Description - DL4002

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4001 MCC-DL4001 Datasheet
79Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP Datasheet
80Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
RL201GP MCC-RL201GP Datasheet
83Kb / 3P
2 Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
1N4001GP CHENYI-1N4001GP Datasheet
47Kb / 3P
1 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Micro Commercial Compon...
1N4001GP MCC-1N4001GP_11 Datasheet
500Kb / 4P
1 Amp Glass Passivated Rectifier 50 - 1000 Volts
FR101GP MCC-FR101GP_11 Datasheet
464Kb / 4P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
S3AB MCC-S3AB Datasheet
698Kb / 3P
3.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_13 Datasheet
493Kb / 4P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
DL4001-TP MCC-DL4001-TP Datasheet
240Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
1N4001GPL MCC-1N4001GPL Datasheet
262Kb / 4P
1 Amp Glass Passivated Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com