Electronic Components Datasheet Search
  English  ▼

X  

DL4448 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DL4448
Description  500mW 100Volt Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL4448 Datasheet(HTML) 1 Page - Micro Commercial Components

  DL4448 Datasheet HTML 1Page - Micro Commercial Components DL4448 Datasheet HTML 2Page - Micro Commercial Components DL4448 Datasheet HTML 3Page - Micro Commercial Components DL4448 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DL4448
500mW 100Volt
Switching Diode
MINIMELF
Features
•
Low Current Leakage
•
Metalurgically Bonded Construction
•
Low Cost
Maximum Ratings
•
Operating Temperature: -
65
°C to +150°C
•
Storage Temperature: -
65
°C to +150°C
•
Maximum Thermal Resistance; 35
°C/W Junction To Ambient
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Reverse Voltage
VR
75V
Peak Reverse
Voltage
VRM
100V
Average Rectified
Current
IO
150mA
Resistive Load
f > 50Hz
Power Dissipation
PTOT
500mW
Junction
Temperature
TJ
20
0
°C
Peak Forward Surge
Current
IFSM
500mA
t<1s
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
50
µA
VR=20Volts
TJ=25
°C
TJ=150
°C
Typical Junction
Capacitance
CJ
4pF
Measured at
1.0MHz, VR=4.0V
Reverse Recovery
Time
Trr
4nS
IF=10mA
VR = 6V
RL=100
Ω
A
B
C
Cathode Mark
VR=20V
VR=75V
25nA
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.130
.146
3.30
3.70
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
∅
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Instantaneous
Forward Voltage
VF
1.0V(MAX)
IFM = 100mA;
0.62-0.72V
IFM = 5.0mA
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Note:1.Lead in Glass Exemption Applied, see EU Directive Annex 5.
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - DL4448

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL4448 DCCOM-DL4448 Datasheet
259Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
logo
Micro Commercial Compon...
DL4448 MCC-DL4448 Datasheet
351Kb / 3P
500mW 100Volt Switching Diode
logo
Shanghai Lunsure Electr...
DL4448 CHENYI-DL4448 Datasheet
330Kb / 3P
500mw 100volt switching diode
More results

Similar Description - DL4448

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4448 MCC-1N4448 Datasheet
77Kb / 3P
500mW 100Volt Switching Diode
BAS16 MCC-BAS16 Datasheet
80Kb / 2P
350mW 100Volt Switching Diode
DL4448 MCC-DL4448 Datasheet
351Kb / 3P
500mW 100Volt Switching Diode
logo
Shanghai Lunsure Electr...
BAS16 CHENYI-BAS16 Datasheet
49Kb / 2P
350mW 100Volt Switching Diode
DL914 CHENYI-DL914 Datasheet
338Kb / 3P
500mw 100volt silicon switching diode
DL4448 CHENYI-DL4448 Datasheet
330Kb / 3P
500mw 100volt switching diode
logo
Micro Commercial Compon...
1N4448 MCC-1N4448_11 Datasheet
427Kb / 4P
500mW 100Volt Switching Diode
BAS16 MCC-BAS16_11 Datasheet
161Kb / 3P
350mW 100Volt Switching Diode
1N4448 MCC-1N4448_12 Datasheet
431Kb / 4P
500mW 100Volt Switching Diode
1N4448 MCC-1N4448_13 Datasheet
290Kb / 4P
500mW 100Volt Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com