Electronic Components Datasheet Search
  English  ▼

X  

DL4454 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DL4454
Description  Silicon Switching Diode 500 mW 75 Volt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL4454 Datasheet(HTML) 1 Page - Micro Commercial Components

  DL4454 Datasheet HTML 1Page - Micro Commercial Components DL4454 Datasheet HTML 2Page - Micro Commercial Components DL4454 Datasheet HTML 3Page - Micro Commercial Components DL4454 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DL4454
Silicon
Switching Diode
500 mW 75 Volt
Reverse Volt.
V
R
50V
Peak Reverse Volt.
VRM
75V
Average Rectified Current
IO
150mA
Resistive Load
f>50Hz
Power Dissipation
PTOT
500mW
Junction Temperature
T
J
175
oC
Peak Forward Surge Current
IFSM
500mA
8.3ms, half sine
Maximum Instantaneous
Forward Volt.
VF
1.0V
I
FM=10mA;
TJ=25
oC
Maximum DC Reverse
Current At Rated DC Blocking
Volt.
IR
0.1uA
VR=50V
TJ=25
oC
Typical Junction Capacitance
C J
2pF
Measured at
1.0MHz, V R=4.0V
Reverse Recovery Time
T
rr
4nS
IF=10mA VR=6V
I
R=1mA
RL=100OHMS
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.130
.146
3.30
3.70
B
.008
.016
0.20
0.40
C
.055
.059
1.40
1.50
A
B
C
Cathode Mark
MINIMELF
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%  !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Maximum Ratings
Operation & Storage Temperature: -55
oC to +150oC
Maximum Thermal Resistance: 400K/W Junction
to Ambient
Electrical Characteristics @ 25
oC Unless Otherwise Specified
Note:1.Lead in Glass Exemption Applied, see EU Directive Annex 5.
Features
Fast Switching Speed and Low Current Leakage
Compression Bond Construction ,Low Cost
Surface Mount Application
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix
designates Compliant. See ordering information)


Similar Part No. - DL4454

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL4454 DCCOM-DL4454 Datasheet
259Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
logo
Micro Commercial Compon...
DL4454 MCC-DL4454 Datasheet
356Kb / 3P
Silicon Switching Diode 500 mW 75 Volt
logo
Shanghai Lunsure Electr...
DL4454 CHENYI-DL4454 Datasheet
332Kb / 3P
silicon switching diode 500 mw 75volt
More results

Similar Description - DL4454

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4454 MCC-DL4454 Datasheet
356Kb / 3P
Silicon Switching Diode 500 mW 75 Volt
logo
Shanghai Lunsure Electr...
BAV70 CHENYI-BAV70 Datasheet
53Kb / 2P
350 mw 75 volt dual switching diode
DL4454 CHENYI-DL4454 Datasheet
332Kb / 3P
silicon switching diode 500 mw 75volt
logo
Micro Commercial Compon...
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
BZV55C18-TP MCC-BZV55C18-TP Datasheet
665Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
BZV55C11-TP MCC-BZV55C11-TP Datasheet
661Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
BZT55C2V0 MCC-BZT55C2V0 Datasheet
135Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
BZV55C2V0 MCC-BZV55C2V0 Datasheet
421Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com