Electronic Components Datasheet Search
  English  ▼

X  

DL4933 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DL4933
Description  1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL4933 Datasheet(HTML) 1 Page - Micro Commercial Components

  DL4933 Datasheet HTML 1Page - Micro Commercial Components DL4933 Datasheet HTML 2Page - Micro Commercial Components DL4933 Datasheet HTML 3Page - Micro Commercial Components DL4933 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DL4933
THRU
DL4937
1 Amp Glass
Passivated, Fast
Recovery Rectifier
50 to 600 Volts
MELF
SUGGESTED SOLDER
PAD LAYOUT
Features
•
Low Leakage Current
•
Metalurgically Bonded Construction
•
Surface Mount Applications
•
Glass Passivated Junction
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.190
.205
4.80
5.20
B
---
.022
---
.55
Nominal
C
.095
.105
2.40
2.67
∅
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 30
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DL4933
---
50V
35V
50V
DL4934
---
100V
70V
100V
DL4935
---
200V
140V
200V
DL4936
---
400V
280V
400V
DL4937
---
600V
420V
600V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA =55
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 1.0A;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
100
µA
TJ = 25
°C
TJ = 125
°C
Maximum Reverse
Recovery Time
Trr
200ns
IF=0.5A,
IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz,
VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
C
Cathode Mark
.220”
.035”
.115”
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
DIMENSIONS
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Case Material:Molded Plastic.
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - DL4933

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DL4933 DIODES-DL4933 Datasheet
57Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15001 Rev. D-2
logo
Micro Commercial Compon...
DL4933 MCC-DL4933 Datasheet
90Kb / 3P
1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
logo
SynSemi, Inc.
DL4933 SYNSEMI-DL4933 Datasheet
35Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Diotech Company.
DL4933 DIOTECH-DL4933 Datasheet
906Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
DL4933 LUGUANG-DL4933 Datasheet
185Kb / 2P
1.0Ampere Recovery Rectifiers Glass Passivated
More results

Similar Description - DL4933

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4933GP MCC-1N4933GP Datasheet
164Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
DL4933 MCC-DL4933 Datasheet
90Kb / 3P
1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
DLSF11 MCC-DLSF11 Datasheet
86Kb / 3P
1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
UF4001GP MCC-UF4001GP Datasheet
290Kb / 2P
1 Amp Glass Passivated Ultra Fast Recovery Rectifier 50 to 1000 Volts
DLSF11 MCC-DLSF11_11 Datasheet
252Kb / 4P
1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
MUR105GP MCC-MUR105GP Datasheet
359Kb / 4P
1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
SF11M MCC-SF11M Datasheet
257Kb / 4P
1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
1N4933GP MCC-1N4933GP_13 Datasheet
535Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
DL4933_1114 MCC-DL4933_1114 Datasheet
419Kb / 4P
1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
MUR105GP MCC-MUR105GP_13 Datasheet
406Kb / 4P
1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com