Electronic Components Datasheet Search
  English  ▼

X  

DL5711 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # DL5711
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL5711 Datasheet(HTML) 2 Page - Micro Commercial Components

  DL5711 Datasheet HTML 1Page - Micro Commercial Components DL5711 Datasheet HTML 2Page - Micro Commercial Components DL5711 Datasheet HTML 3Page - Micro Commercial Components DL5711 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DL5711
DL6263
Small Signal
Schottky Diodes
Features
•
For general purpose applications
•
These diodes are also available in the DO-35 case with type
designation 1N5711 and 1N6263, in the Micro-MELF case with type
designation MCL5711 and MCL6263.
Maximum Ratings
Repetitive Peak Reverse
Voltage
DL5711
DL6263
VR
70V
60V
Maximum Forward
Surge Current
IFSM
2.0A
tp<10uS,
TA=25
OC
Power Dissipation
PTOT
400mW*
Junction Temperature
TJ
125
OC
Storage Temperature
Range
TSTG
-55~+150
OC
* Valid provided that electrodes are kept at ambient temperature
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Maximum Forward Voltage
VF
0.41V
1.0V
IF = 1.0mA
IF = 15mA
Minimum Reverse
Breakdown voltage
DL5711
DL6263
VR
70V
60V
Maximum Leakage current
IR
200nA
VR=50V
Maximum Junction
Capacitance
CJ
2.0pF
VR=0, f=1MHz
Maximum Reverse recovery
time
trr
1.0ns
IF=5.0mA ,
IR=5.0mA ,
Maximum Thermal
resistance junction to
Ambient Air
RθJA
0.3K/ W
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
0.20
0.40
C
.055
.059
1.40
1.50
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
MINIMELF
A
B
C
Cathode Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision: 6
2008/07/14
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Note:1.Lead in Glass Exemption Applied, see EU Directive Annex 5.
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
Compliant. See ordering information)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com