Electronic Components Datasheet Search
  English  ▼

X  

DLSR106 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DLSR106
Description  1 Amp Schottky Barrier Rectifier 60 to 100 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DLSR106 Datasheet(HTML) 1 Page - Micro Commercial Components

  DLSR106 Datasheet HTML 1Page - Micro Commercial Components DLSR106 Datasheet HTML 2Page - Micro Commercial Components DLSR106 Datasheet HTML 3Page - Micro Commercial Components DLSR106 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DLSR106
THRU
DLSR1010
1 Amp Schottky
Barrier Rectifier
60 to 100 Volts
MELF
SUGGESTED SOLDER
PAD LAYOUT
Features
•
Schottky Barrier Rectifier
•
Low Forward Voltage
•
Low Power Loss For High Efficiency
•
High Current Capability
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.190
.205
4.80
5.20
B
---
.022
---
.55
Nominal
C
.095
.105
2.40
2.67
∅
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 30
°C/W Junction To Lead
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DLSR106
---
60V
42V
60V
DLSR108
---
80V
56V
80V
DLSR1010
---
100V
70V
100V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 75
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
DLSR106
DLSR108-DLSR1010
VF
.70V
.85V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
10mA
TJ = 25
°C
TJ = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
Cathode Mark
.220”
.035”
.115”
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.


Similar Part No. - DLSR106

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DLSR106 MCC-DLSR106 Datasheet
78Kb / 3P
1 Amp Schottky Barrier Rectifier 60 to 100 Volts
More results

Similar Description - DLSR106

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DLSR106 MCC-DLSR106 Datasheet
78Kb / 3P
1 Amp Schottky Barrier Rectifier 60 to 100 Volts
FST8060 MCC-FST8060 Datasheet
85Kb / 3P
80 Amp Rectifier 60 to 100 Volts Schottky Barrier
FST8360SL MCC-FST8360SL Datasheet
664Kb / 3P
80 Amp Rectifier 60 to 100 Volts Schottky Barrier
FST8460SL MCC-FST8460SL Datasheet
667Kb / 3P
80 Amp Rectifier 60 to 100 Volts Schottky Barrier
SR105 MCC-SR105 Datasheet
76Kb / 3P
1 Amp Schottky Barrier Rectifier 50 - 100 Volts
logo
Solid States Devices, I...
SED60KB100 SSDI-SED60KB100 Datasheet
107Kb / 2P
60 AMP 100 VOLTS SCHOTTKY RECTIFIER
SSR6010M SSDI-SSR6010M Datasheet
212Kb / 2P
60 AMP 100 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
BSR106WS MCC-BSR106WS Datasheet
182Kb / 2P
1 Amp Schottky Barrier Rectifier 60 Volts
SR105 MCC-SR105_11 Datasheet
210Kb / 4P
1 Amp Schottky Barrier Rectifier 50 - 100 Volts
logo
Micro Analog systems
BSR106WS-TP MAS-BSR106WS-TP Datasheet
195Kb / 2P
1 Amp Schottky Barrier Rectifier 60 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com