Electronic Components Datasheet Search
  English  ▼

X  

DTC114EE Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DTC114EE
Description  Digital Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTC114EE Datasheet(HTML) 1 Page - Micro Commercial Components

  DTC114EE Datasheet HTML 1Page - Micro Commercial Components DTC114EE Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DTC114EE
Digital Transistors
Features
Epitaxial Planar Die Construction
Untrl Small Surface Mount Package
Built-In Biasing Resistors
Absolute maximum ratings @ 25
Symbol
Parameter
Min
Typ
Max
Unit
IC
Collector current
---
50
100
mA
VIN
Input voltage
-10
---
Pd
Power dissipation
---
150
---
mW
Tj
Junction temperature
---
150
---
Tstg
Storage temperature
-55
---
150
Electrical Characteristics @ 25
Symbol
Parameter
Min
Typ
Max
Unit
VI(off)
---
---
0.5
V
VI(on)
Input voltage (VCC=5V, IO=100
A)
(VO=0.3V, IO=10mA)
3.0
---
---
V
VO(on)
Output voltage (IO=10mA,Ii=0.5mA)
---
---
0.3
V
II
Input current (VI=5V)
---
---
0.88
mA
IO(off)
Output current (VCC=50V, VI=0)
---
---
0.5
A
GI
DC current gain (VO=5V, IO=5mA)
30
---
---
R1
Input resistance
7
10
13
K
R2/R1
Resistance ratio
0.8
1.0
0.2
fT
Transition frequency
(VCE=10V, I E=5mA, f=100MHz)
---
250
---
MHz
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.030
.033
0.75
0.85
C
.057
.069
1.45
1.75
D
.020 Nominal
0.50Nominal
E
.035
.043
0.90
1.10
G
.000
.004
.000
.100
H
.028
.031
.70
0.80
J
.004
.008
.100
.200
K
.010
.014
.25
.35
A
C
B
D
E
G
H
J
DIMENSIONS
K
SOT-523
IN
GND
OUT
40
V
VCC
---
50
---
V
Supply Voltage
Marking:24
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - DTC114EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114EE ROHM-DTC114EE Datasheet
71Kb / 3P
Digital transistors (built-in resistors)
DTC114EE ROHM-DTC114EE Datasheet
90Kb / 4P
Digital transistors (built-in resistors)
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE Datasheet
429Kb / 13P
Bias Resistor Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
DTC114EE SECOS-DTC114EE Datasheet
511Kb / 2P
Digital Transistors NPN (Built-in Resistors)
logo
Rohm
DTC114EE ROHM-DTC114EE Datasheet
167Kb / 4P
100mA / 50V Digital transistors (with built-in resistors)
More results

Similar Description - DTC114EE

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
DTA114EE KEXIN-DTA114EE Datasheet
178Kb / 3P
Digital Transistors
DTA114TCA KEXIN-DTA114TCA Datasheet
126Kb / 2P
Digital Transistors
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA_09 Datasheet
132Kb / 3P
Digital Transistors
UMH1N MCC-UMH1N Datasheet
191Kb / 3P
Digital Transistors
DTC113ZCA MCC-DTC113ZCA_11 Datasheet
391Kb / 3P
Digital Transistors
DTC143ZCA MCC-DTC143ZCA_11 Datasheet
210Kb / 2P
Digital Transistors
logo
Unisonic Technologies
DTA123E UTC-DTA123E_11 Datasheet
198Kb / 3P
DIGITAL TRANSISTORS
DTA123J UTC-DTA123J_11 Datasheet
125Kb / 2P
DIGITAL TRANSISTORS
DTA144E UTC-DTA144E_11 Datasheet
174Kb / 3P
DIGITAL TRANSISTORS
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
Digital Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com