Electronic Components Datasheet Search
  English  ▼

X  

OD172SXC Datasheet(PDF) 1 Page - ORION FANS

Part # OD172SXC
Description  DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD172SXC Datasheet(HTML) 1 Page - ORION FANS

  OD172SXC Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
58
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD172S XC Series
High Performance
DC Fan - 12, 24, 48V
172x150x51mm (6.7”x 5.9”x 2.0”)
Frame
Diecast Aluminum
Impeller
PBT, UL94V-2 plastic
Connection
2x Lead wires, AWG22
Motor
Brushless DC, auto restart, impedance and
polarity protected
Bearing System
Dual ball bearing
Insulation Resistance
10Mohm between leadwire and frame
(500VDC)
Dielectric Strength
1 second at 500 VAC, max leakage - 500
MicroAmp
Temperature Range
-10C ~ +70C
Life (L10)
65,000 hours (45C)
Model Number
Speed (RPM) Airflow
(CFM) Noise (dB) Volts DC Voltage
Range
Amps Max. Static
Pressure
(“H2O)
OD172SAP-12HBXC
3900
277
62
12
9~14
3.50
1.14
OD172SAP-12MBXC
3400
232
59
12
9~14
2.40
0.92
OD172SAP-24HBXC
4600
307
67
24
15~28
2.30
1.60
OD172SAP-48HBXC
4600
307
67
48
24~55
1.20
1.60
m4
77282 2009_fan_cat sec 3:Layout 1
8/3/09
11:19 AM
Page 58


Similar Part No. - OD172SXC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD172S ORIONFANS-OD172S Datasheet
162Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD172S-XC ORIONFANS-OD172S-XC Datasheet
140Kb / 1P
DC Fan - High Performance 12, 24 48V 172x150x51mm (6.7”x 5.9”x 2.0”)
OD172SAP ORIONFANS-OD172SAP Datasheet
5Mb / 8P
AC & EC FANS
OD172SAP ORIONFANS-OD172SAP Datasheet
403Kb / 1P
DC Fan, 12, 24, 48V 172x152x51mm (6.7”x5.9”x2.0”)
Revised 10/8/2021
OD172SAP-12H ORIONFANS-OD172SAP-12H Datasheet
162Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
More results

Similar Description - OD172SXC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD127 ORIONFANS-OD127 Datasheet
107Kb / 1P
DC Fan - 12, 24, 48V 127x38.5mm (5.0?쓝 1.5??
OD172S ORIONFANS-OD172S Datasheet
162Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD1232 ORIONFANS-OD1232 Datasheet
115Kb / 1P
DC Fan - 12, 24, 48V 120x32mm (4.7?쓝 1.25??
OA172SAP-IP55 ORIONFANS-OA172SAP-IP55 Datasheet
594Kb / 1P
AC FAN - 115V , 230V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OA172SAPL_IP55 ORIONFANS-OA172SAPL_IP55 Datasheet
114Kb / 1P
172x150x38mm (6.7?쓝 5.9?쓝 1.5??
OA172SAP-SF ORIONFANS-OA172SAP-SF Datasheet
250Kb / 1P
AC FAN - Salt Fog Rated 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OA172SAPXC ORIONFANS-OA172SAPXC Datasheet
98Kb / 1P
AC Fan - 115V, 230V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OA172SAPXC-SF ORIONFANS-OA172SAPXC-SF Datasheet
245Kb / 1P
AC FAN - Salt Fog Rated 172x150x55mm (6.7?쓝 5.9?쓝 2.2??
OD8038VA ORIONFANS-OD8038VA_16 Datasheet
329Kb / 1P
DC Fan - 12, 24, 48V 80x38mm (3.15?쓝 1.5??
OD172S-XC ORIONFANS-OD172S-XC Datasheet
140Kb / 1P
DC Fan - High Performance 12, 24 48V 172x150x51mm (6.7”x 5.9”x 2.0”)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com