Electronic Components Datasheet Search
  English  ▼

X  

OD180APL Datasheet(PDF) 1 Page - ORION FANS

Part # OD180APL
Description  DC Fan - 12, 24, 48V 180x65mm (7.1?쓝 2.6??
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD180APL Datasheet(HTML) 1 Page - ORION FANS

  OD180APL Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
59
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD180APL Series
DC Fan - 12, 24, 48V
180x65mm (7.1”x 2.6”)
Frame & Impeller
Diecast Aluminum (Frame)
PBT, UL94V-O - (Impeller) Available Options:
Alarm (FG)
Tachometer (RD)
PWM
Thermal Control
Connection
2x Lead wires 20AWG or
terminals
Motor
Brushless DC, auto restart,
rotor lock & polarity protected
Bearing System
Dual ball bearing
Insulation Resistance 10Mohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Temperature Range
-25C ~ +80C
Life (L10)
60,000 hours (40C)
Model Number Speed (RPM) Airflow
(CFM) Noise (dB) Volts DC Input Power
(Watts)
Amps
Max. Static
Pressure
(“H2O)
OD180APL-12H*B
2800
430
61
12
23
1.90
1.1
OD180APL-12M*B
2500
370
49
12
13
1.10
0.79
OD180APL-12L*B
1700
250
38
12
5.5
0.45
0.59
OD180APL-24H*B
3300
450
62
24
24
0.97
1.2
OD180APL-24M*B
2700
370
49
24
13
0.52
0.79
OD180APL-24L*B
1700
250
38
24
5
0.20
0.59
OD180APL-48H*B
3400
465
63
48
23
0.48
1.2
OD180APL-48M*B
2700
370
49
48
14
0.30
0.79
OD180APL-48L*B
1700
250
38
48
6
0.12
0.59
* Insert letter “T” to indicate terminal-type.
m0
77282 2009_fan_cat sec 3:Layout 1
8/3/09
11:19 AM
Page 59


Similar Part No. - OD180APL

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD180APL-12HB ORIONFANS-OD180APL-12HB_15 Datasheet
204Kb / 1P
DC FAN
OD180APLIP68 ORIONFANS-OD180APLIP68 Datasheet
5Mb / 8P
AC & EC FANS
OD180APLIP69K ORIONFANS-OD180APLIP69K Datasheet
5Mb / 8P
AC & EC FANS
More results

Similar Description - OD180APL

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD127 ORIONFANS-OD127 Datasheet
107Kb / 1P
DC Fan - 12, 24, 48V 127x38.5mm (5.0?쓝 1.5??
OD172S ORIONFANS-OD172S Datasheet
162Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD172SXC ORIONFANS-OD172SXC Datasheet
99Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD1232 ORIONFANS-OD1232 Datasheet
115Kb / 1P
DC Fan - 12, 24, 48V 120x32mm (4.7?쓝 1.25??
OD1238VA ORIONFANS-OD1238VA_17 Datasheet
264Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238VXC ORIONFANS-OD1238VXC Datasheet
264Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238XC ORIONFANS-OD1238XC_16 Datasheet
242Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD6025 ORIONFANS-OD6025_16 Datasheet
1Mb / 1P
DC Fan - 5, 12, 24, 48V 60x25mm (2.36?쓝 1.0??
OD8038VA ORIONFANS-OD8038VA_16 Datasheet
329Kb / 1P
DC Fan - 12, 24, 48V 80x38mm (3.15?쓝 1.5??
OD9225 ORIONFANS-OD9225_16 Datasheet
636Kb / 1P
DC Fan - 12, 24, 48V 92x25 (3.62?쓝 1.00??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com