Electronic Components Datasheet Search
  English  ▼

X  

OD3010 Datasheet(PDF) 1 Page - ORION FANS

Part # OD3010
Description  DC Fan - 5, 12V 30x10mm (1.18?쓝 0.39??
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD3010 Datasheet(HTML) 1 Page - ORION FANS

  OD3010 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
29
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD3010 Series
DC Fan - 5, 12V
30x10mm (1.18”x 0.39”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Tachometer (Frequency
Generator) White Lead
Alarm (Rotation Detector)
Yellow Lead
Life Expectancy (L10)
Ball - 60,000 hrs (45C)
Sleeve - 30,000 hrs (45C)
Operating Temperature
Ball: -10 ~ 70C
Sleeve: -10 ~ 60C
Connection
2x Lead wires 28AWG
Motor
Brushless DC, auto restart,
impedance and polarity
protected
Bearing System
Ball bearing or Sleeve
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Storage Temperature -30C ~ +90C
Model Number
Speed
(RPM)
Airflow
(CFM)
Noise
(dB)
Volts DC Voltage
Range
(VDC)
Amps
Max. Static
Pressure
(“H2O)
OD3010-05H *
11000
5.0
32
05
3.5~6.0
0.20
0.20
OD3010-12H *
11000
5.0
32
12
8~17
0.10
0.20
OD3010-12M *
9000
4.0
27
12
8~17
0.09
0.17
OD3010-12L *
7000
3.5
25
12
8~17
0.06
0.11
* Indicate “B” for ball bearing or “S” for sleeve bearing
m4


Similar Part No. - OD3010

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD3010 ORIONFANS-OD3010 Datasheet
5Mb / 8P
AC & EC FANS
OD3010-05H ORIONFANS-OD3010-05H Datasheet
215Kb / 1P
DC Fan
OD3010-05H ORIONFANS-OD3010-05H_15 Datasheet
215Kb / 1P
DC Fan
OD3010-12H ORIONFANS-OD3010-12H Datasheet
215Kb / 1P
DC Fan
OD3010-12L ORIONFANS-OD3010-12L Datasheet
215Kb / 1P
DC Fan
More results

Similar Description - OD3010

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD2510 ORIONFANS-OD2510 Datasheet
96Kb / 1P
DC Fan - 5, 12V 25x10mm (1.0?쓝 0.39??
OD6015 ORIONFANS-OD6015 Datasheet
108Kb / 1P
DC Fan - 12V 60x15mm (2.36?쓝 0.59??
OD1238-12MBXJ01A ORIONFANS-OD1238-12MBXJ01A Datasheet
832Kb / 1P
DC Fan 12V 120x38mm (4.7?쓝 1.5??
OD5210 ORIONFANS-OD5210_16 Datasheet
426Kb / 1P
DC Fan - 5, 12V 52x10mm (2.05?쓝 0.39??
OD6010 ORIONFANS-OD6010_16 Datasheet
454Kb / 1P
DC Fan - 5V, 12V 60x10mm (2.36?쓝 0.39??
OD6038-12HBXC01A ORIONFANS-OD6038-12HBXC01A Datasheet
1Mb / 1P
DC Fan 12V 60x38mm (2.36?쓝 1.5??
OD6038-12HBXC10A ORIONFANS-OD6038-12HBXC10A Datasheet
1Mb / 1P
DC Fan 12V 60x38mm (2.36?쓝 1.5??
OD6038-12HHBXC01A ORIONFANS-OD6038-12HHBXC01A Datasheet
1Mb / 1P
DC Fan 12V 60x38mm (2.36?쓝 1.5??
OD6038-12HHBXC10A ORIONFANS-OD6038-12HHBXC10A Datasheet
1Mb / 1P
DC Fan 12V 60x38mm (2.36?쓝 1.5??
OD6038-12LBXC01A ORIONFANS-OD6038-12LBXC01A Datasheet
1Mb / 1P
DC Fan 12V 60x38mm (2.36?쓝 1.5??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com