Electronic Components Datasheet Search
  English  ▼

X  

OD4028 Datasheet(PDF) 1 Page - ORION FANS

Part # OD4028
Description  DC Fan - 5, 12, 24V 40x28mm (1.58?쓝 1.10??
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD4028 Datasheet(HTML) 1 Page - ORION FANS

  OD4028 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
32
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD4028 Series
DC Fan - 5, 12, 24V
40x28mm (1.58”x 1.10”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Tachometer (FG)
Alarm (RD)
PWM (Pulse Width
Modulated speed control)
Thermistor (Thermal Speed
Control)
Life Expectancy (L10)
Ball - 60,000 hrs (45C)
Sleeve - 30,000 hrs (45C)
Operating Temperature
Ball: -20 ~ 80C
Sleeve: -10 ~ 50C
Connection
2x Lead wires 26AWG
Motor
Brushless DC, auto restart,
impedance and polarity
protected
Bearing System
Ball bearing or Sleeve
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Storage Temperature -30C ~ +90C
Model Number
Speed
(RPM)
Airflow
(CFM)
Noise
(dB)
Volts DC Voltage
Range
(VDC)
Amps
Max. Static
Pressure
(“H2O)
OD4028-05H *
7500
10
32
5
4~7
0.35
0.24
OD4028-05M *
6500
9
29
5
4~7
0.30
0.17
OD4028-05L *
5000
7
25
5
4~7
0.22
0.10
OD4028-12H *
8800
12
37
12
7~14
0.20
0.32
OD4028-12M *
8000
11
35
12
7~14
0.18
0.25
OD4028-12L *
5000
7
25
12
7~14
0.12
0.10
OD4028-24H *
8800
12
37
24
10~27
0.16
0.32
OD4028-24M *
8000
11
35
24
10~27
0.12
0.25
OD4028-24L *
5000
7
25
24
10~27
0.09
0.10
* Indicate “B” for ball bearing or “S” for sleeve bearing
m4
(5V not shown)
77282 2009_fan_cat sec 2:Layout 1
7/28/09
11:12 AM
Page 32


Similar Part No. - OD4028

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD4028 ORIONFANS-OD4028 Datasheet
5Mb / 8P
AC & EC FANS
OD4028-05H ORIONFANS-OD4028-05H Datasheet
112Kb / 1P
DC Fan
OD4028-05H ORIONFANS-OD4028-05H Datasheet
376Kb / 1P
DC Fan - 5, 12, 24V 40x28mm (1.58?쓝 1.10??
OD4028-05H ORIONFANS-OD4028-05H_15 Datasheet
112Kb / 1P
DC Fan
OD4028-05L ORIONFANS-OD4028-05L Datasheet
112Kb / 1P
DC Fan
More results

Similar Description - OD4028

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD4010 ORIONFANS-OD4010 Datasheet
89Kb / 1P
DC Fan - 5, 12, 24V 40x10mm (1.58 x 0.39)
OD4020 ORIONFANS-OD4020 Datasheet
124Kb / 1P
DC Fan - 5, 12, 24V 40x20mm (1.58 x 0.79)
OD4028XC ORIONFANS-OD4028XC Datasheet
109Kb / 1P
DC Fan - 12V, High Speed 40x28mm (1.58??x 1.10??
OD4010-SS ORIONFANS-OD4010-SS Datasheet
224Kb / 1P
DC Fan - 12, 24V 40x10mm (1.58?쓝 0.39??
OD4020 ORIONFANS-OD4020_16 Datasheet
383Kb / 1P
DC Fan - 5, 12, 24V 40x20mm (1.58?쓝 0.79??
OD4020-SS ORIONFANS-OD4020-SS Datasheet
346Kb / 1P
DC Fan - 12, 24V 40x20mm (1.58?쓝 0.79??
OD4028 ORIONFANS-OD4028_16 Datasheet
376Kb / 1P
DC Fan - 5, 12, 24V 40x28mm (1.58?쓝 1.10??
OD4028XC ORIONFANS-OD4028XC_16 Datasheet
463Kb / 1P
DC Fan - 12V, High Speed 40x28mm (1.58??x 1.10??
OD9220 ORIONFANS-OD9220_16 Datasheet
198Kb / 1P
DC Fan - 12, 24V 92x20mm (3.6?쓝 0.79??
OD4028-XC ORIONFANS-OD4028-XC Datasheet
641Kb / 3P
DC Fans - 12, 24V 40mm x 28mm (1.58” x 1.10”)
1/3/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com