Electronic Components Datasheet Search
  English  ▼

X  

OD6015 Datasheet(PDF) 1 Page - ORION FANS

Part # OD6015
Description  DC Fan - 12V 60x15mm (2.36?쓝 0.59??
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD6015 Datasheet(HTML) 1 Page - ORION FANS

  OD6015 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
36
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD6015 Series
DC Fan - 12V
60x15mm (2.36”x 0.59”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Tachometer (FG)
Alarm (RD)
Other frame styles available
5V and 24V available on request
Life Expectancy (L10)
Ball Bearing
60,000 hours (L10 at 40C)
Sleeve Bearing
30,000 hours (L10 at 40C)
Operating Temperature
Ball Bearing
-20C ~ +80C
Sleeve Bearing
-10C ~ +50C
Connection
2x Lead wires
Motor
Brushless DC, auto restart,
impedance and polarity
protected
Bearing System
Dual Ball or Sleeve
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Storage Temperature -30C ~ +90C
Model Number
Speed (RPM) Airflow (CFM) Noise (dB)
Volts DC Voltage Range Amps
Max. Static
Pressure (“H2O)
OD6015-05H*
4500
19
37
5
3.5~5.75
.40
.13
OD6015-12H*
4500
19
37
12
8~17
.12
.13
OD6015-12M*
4000
16
21
12
8~17
.09
.08
OD6015-12L*
2500
14
18
12
8~17
.06
.05
OD6015-24H*
4500
19
37
24
12~28
.15
.13
* Indicate “B” to specify Ball bearing or “S” to specify Sleeve bearing
m1
77282 2009_fan_cat sec 2:Layout 1
7/28/09
11:12 AM
Page 36


Similar Part No. - OD6015

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD6015 ORIONFANS-OD6015 Datasheet
5Mb / 8P
AC & EC FANS
OD6015-05HB ORIONFANS-OD6015-05HB Datasheet
216Kb / 1P
FAN
OD6015-05HB ORIONFANS-OD6015-05HB Datasheet
137Kb / 1P
DC Fan - 5, 12, 24V 60 x 15mm (2.36??x 0.59??
OD6015-05LB ORIONFANS-OD6015-05LB Datasheet
216Kb / 1P
FAN
OD6015-05LB ORIONFANS-OD6015-05LB Datasheet
137Kb / 1P
DC Fan - 5, 12, 24V 60 x 15mm (2.36??x 0.59??
More results

Similar Description - OD6015

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD6020 ORIONFANS-OD6020 Datasheet
116Kb / 1P
DC Fan - 12, 24V 60x20mm (2.36?쓝 .79??
OD6010 ORIONFANS-OD6010_16 Datasheet
454Kb / 1P
DC Fan - 5V, 12V 60x10mm (2.36?쓝 0.39??
OD6020 ORIONFANS-OD6020_16 Datasheet
429Kb / 1P
DC Fan - 12, 24V 60x20mm (2.36?쓝 .79??
OD6038-12HBXC01A ORIONFANS-OD6038-12HBXC01A Datasheet
1Mb / 1P
DC Fan 12V 60x38mm (2.36?쓝 1.5??
OD6038-12HBXC10A ORIONFANS-OD6038-12HBXC10A Datasheet
1Mb / 1P
DC Fan 12V 60x38mm (2.36?쓝 1.5??
OD6038-12HHBXC01A ORIONFANS-OD6038-12HHBXC01A Datasheet
1Mb / 1P
DC Fan 12V 60x38mm (2.36?쓝 1.5??
OD6038-12HHBXC10A ORIONFANS-OD6038-12HHBXC10A Datasheet
1Mb / 1P
DC Fan 12V 60x38mm (2.36?쓝 1.5??
OD6038-12LBXC01A ORIONFANS-OD6038-12LBXC01A Datasheet
1Mb / 1P
DC Fan 12V 60x38mm (2.36?쓝 1.5??
OD6038-24HHBXC10A ORIONFANS-OD6038-24HHBXC10A Datasheet
1Mb / 1P
DC Fan 24V 60x38mm (2.36?쓝 1.5??
OD6038VA ORIONFANS-OD6038VA_17 Datasheet
229Kb / 1P
DC Fan 12V, 24V - Vaneaxial, High Pressure 60x38mm (2.36?쓝 1.5??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com