Electronic Components Datasheet Search
  English  ▼

X  

ACT30 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT30
Description  High Performance Off-Line Controller ActiveSwitcher??IC Family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT30 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT30 Datasheet HTML 2Page - Active-Semi, Inc ACT30 Datasheet HTML 3Page - Active-Semi, Inc ACT30 Datasheet HTML 4Page - Active-Semi, Inc ACT30 Datasheet HTML 5Page - Active-Semi, Inc ACT30 Datasheet HTML 6Page - Active-Semi, Inc ACT30 Datasheet HTML 7Page - Active-Semi, Inc ACT30 Datasheet HTML 8Page - Active-Semi, Inc ACT30 Datasheet HTML 9Page - Active-Semi, Inc ACT30 Datasheet HTML 10Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ACT30
Rev 5, 05-Jun-09
Active-Semi
Innovative Power
TM
- 7 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActiveSwitcher
TM is a trademark of Active-Semi.
F1
AC1
AC2
IC1
ACT30A
1
D1
T1
3
GND
5V/750mA
C8
R12
R11
C9
R13
IC3
TL431
Q2
R16
R15
R14
L2
R9
R10
C7
D8
R18
C10
C19
D5
R6
R5
D6
C4
R3
D7
R7
Z1
IC2B Opto
C20
C6
C5
C3
R2B
R2A
C1
C2
R1
L1
D2
D3
D4
IC2A
Opto
R8
EE-16
Figure 5:
A 3.75W Charger Using ACT30A in Combination with TL431
APPLICATIONS INFORMATION
External Power Transistor
The ACT30 allows a low-cost high voltage power
NPN transistor such as ‘13003 or ‘13002 to be used
safely in a flyback configuration. The required
collector voltage rating for VAC = 265V with full
output load is at least 600V to 700V. As seen in
Figure 4, the breakdown voltage of an NPN is
significantly improved when it is driven at its emitter.
Thus, the ACT30 and ’13002 or ‘13003 combination
meet the necessary breakdown safety requirement
even though RCC circuits using ‘13002 or ‘13003
do not. Table 1 lists the breakdown voltage of some
transistors appropriate for use with the ACT30.
Table 1:
Recommended Power Transistor List
Figure 4:
NPN Reverse Bias Safe Operation Area
The power dissipated in the NPN transistor is equal
to the collector current times the collector-emitter
voltage. As a result, the transistor must always be
in saturation when turned on to prevent excessive
power dissipation. Select an NPN transistor with
sufficiently high current gain (hFEMIN > 8) and a base
drive resistor (R2 in Figure 1) low enough to ensure
that the transistor easily saturates.
Base-Drive
Safe Region
(RCC)
Emitter-Drive
Safe Region
(ACT30)
VCEO
VCBO
VC
IC
DEVICE
VCBO VCEO
IC
hFEMIN PACKAGE
MJE13002 600V 300V 1.5A
8
TO-126
MJE13003,
KSE13003
700V 400V 1.5A
8
TO-126
STX13003
700V 400V
1A
8
TO-92



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com