Electronic Components Datasheet Search
  English  ▼

X  

ACT4060A Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT4060A
Description  Wide Input 2A Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4060A Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT4060A Datasheet HTML 4Page - Active-Semi, Inc ACT4060A Datasheet HTML 5Page - Active-Semi, Inc ACT4060A Datasheet HTML 6Page - Active-Semi, Inc ACT4060A Datasheet HTML 7Page - Active-Semi, Inc ACT4060A Datasheet HTML 8Page - Active-Semi, Inc ACT4060A Datasheet HTML 9Page - Active-Semi, Inc ACT4060A Datasheet HTML 10Page - Active-Semi, Inc ACT4060A Datasheet HTML 11Page - Active-Semi, Inc ACT4060A Datasheet HTML 12Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ACT4060A
Rev 1, 25-Jun-09
Innovative Power
TM
- 10 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(Circuit of Figure 4, unless otherwise specified.)
Efficiency vs. Output Current
100
10
Output Current (mA)
100
1000
10000
VOUT = 2.5V
VIN = 12V
Efficiency vs. Output Current
VOUT = 5V
10
Output Current (mA)
100
1000
10000
VIN = 7V
VIN = 12V
Input Voltage (V)
Switching Frequency vs. Input Voltage
405
390
385
395
400
VOUT = 2.5V
IOUT = 1A
410
Temperature (°C)
-50
0
50
Feedback Voltage vs. Temperature
150
1.25
1.29
100
1.33
1.27
1.31
380
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
0
8
4
6
10
12
14
16
18
20
VIN = 7V
Maximum Output Current vs. Duty Cycle
0
3000
4000
1000
2000
Duty Cycle (% )
20
0
40
80
100
60
5000
Efficiency vs. Output Current
0
60
80
20
40
100
VIN = 5V
VOUT = 3.3V
VIN = 12V
Output Current (mA)
10
100
1000
10000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com