Electronic Components Datasheet Search
  English  ▼

X  

ACT5830 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT5830 Datasheet HTML 2Page - Active-Semi, Inc ACT5830 Datasheet HTML 3Page - Active-Semi, Inc ACT5830 Datasheet HTML 4Page - Active-Semi, Inc ACT5830 Datasheet HTML 5Page - Active-Semi, Inc ACT5830 Datasheet HTML 6Page - Active-Semi, Inc ACT5830 Datasheet HTML 7Page - Active-Semi, Inc ACT5830 Datasheet HTML 8Page - Active-Semi, Inc ACT5830 Datasheet HTML 9Page - Active-Semi, Inc ACT5830 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
ACT5830
Rev 2, 20-Jan-11
Innovative Power
TM
- 6 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of NXP.
®
PIN
NAME
DESCRIPTION
24
OUT5
LDO5 Output. Capable of delivering up to 150mA of output current. Output is discharged to
ground with 1kΩ when disabled.
25
OUT3
LDO3 Output. Capable of delivering up to 100mA of output current. Output is discharged to
ground with 1kΩ when disabled.
26
IN1
Input Supply to LDO1, LDO3, LDO5, and LDO7. Connect to BAT and IN2.
27
nON
Push-Button Active Low Open Drain Output. When PWR_ON is low, nON is open drain. When
PWR_ON is high or when in shutdown, nON is asserted low. This output is internally connected
to OUT1 via a 15kΩ pull-up resistor.
28
G
Ground. Connect G and GP together at a single point place as close to the IC as possible.
29
HF_PWR
Hands Free Input. A high level indicates availability of hands free input. This pin is internally
pulled down to G via a 200kΩ resistor. Connect to a 0.1µF capacitor to G to achieve TBDkV
(typ) ESD protection.
30
VBUCK
Output Feedback Sense for REG. Connect this pin directly to the output node to connect the
internal feedback network to the output voltage.
31
NC
No Connect. Not internally connected.
32
VP
Power Input for REG. Connect to BAT, IN1, and IN2. Bypass to GP with a high quality ceramic
capacitor placed as close as possible to the IC.
33, 34
SW
Switching Node Output for REG. Connect this pin to the switching end of the inductor.
35
GP
Power Ground for REG. Connect G and GP together at a single point place as close to the IC
as possible.
36
NC
No Connect. Not internally connected.
37
nACOK
CHG_IN Active Low Status Output. nACOK is asserted low when VCHG_IN > 4.0V.
38
nENCHG
Charge Enable Active Low Input. Drive low or leave floating to enable the charger. Drive high to
disable the charger. This pin has an internal 200kΩ pull-down resistor.
39
BATID
Battery ID pin to detect the presence of the battery. When the battery is present, the voltage at
this pin is lower than 2V, otherwise, it is higher than 2V.
40
VICHG
Charge Current Monitor. The voltage at this pin is proportional to the charger current, with a
gain of 2.47mV/mA. This output becomes high impedance in shutdown.
EP
EP
Exposed Pad. Must be soldered to ground on the PCB.
PIN DESCRIPTIONS CONT’D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com