Electronic Components Datasheet Search
  English  ▼

X  

E48SH Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # E48SH
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

E48SH Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button E48SH Datasheet HTML 7Page - Future Technology Devices International Ltd. E48SH Datasheet HTML 8Page - Future Technology Devices International Ltd. E48SH Datasheet HTML 9Page - Future Technology Devices International Ltd. E48SH Datasheet HTML 10Page - Future Technology Devices International Ltd. E48SH Datasheet HTML 11Page - Future Technology Devices International Ltd. E48SH Datasheet HTML 12Page - Future Technology Devices International Ltd. E48SH Datasheet HTML 13Page - Future Technology Devices International Ltd. E48SH Datasheet HTML 14Page - Future Technology Devices International Ltd. E48SH Datasheet HTML 15Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
E48SH3R330_05142009
12
LEADED (Sn/Pb) PROCESS RECOMMENDED TEMPERATURE PROFILE
Time ( sec. )
Pre-heat temp.
140~180°C 60~120 sec.
Peak temp.
210~230°C 5sec.
Ramp-up temp.
0.5~3.0°C /sec.
50
100
150
200
250
300
60
0
120
180
240
2nd Ramp-up temp.
1.0~3.0°C /sec.
Over 200°C
40~50sec.
Cooling down rate <3°C /sec.
Note: The temperature refers to the pin of E48SH, measured on the pin +Vout joint.
LEAD FREE (SAC) PROCESS RECOMMENDED TEMPERATURE PROFILE
Temp.
Time
150℃
200℃
100~140 sec.
Time Limited 90 sec.
above 217℃
217℃
Preheat time
Ramp up
max. 3℃/sec.
Ramp down
max. 4℃/sec.
Peak Temp. 240 ~ 245 ℃
25℃
Note: The temperature refers to the pin of E48SH, measured on the pin +Vout joint.
* For modules with through-hole pins and the optional heatspreader, they are intended for wave soldering
assembly onto system boards; please do not subject such modules through reflow temperature profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com