Electronic Components Datasheet Search
  English  ▼

X  

RF3024 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3024
Description  BROADBAND MEDIUM POWER SPDT SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3024 Datasheet(HTML) 4 Page - RF Micro Devices

  RF3024 Datasheet HTML 1Page - RF Micro Devices RF3024 Datasheet HTML 2Page - RF Micro Devices RF3024 Datasheet HTML 3Page - RF Micro Devices RF3024 Datasheet HTML 4Page - RF Micro Devices RF3024 Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 of 5
DS100728
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF3024
Typical Performance
Temp=25°C, VCONTROL=3.0V
Note: Low Frequency RL performance can be improved using larger DC blocking capacitors.
56
58
60
62
64
66
68
70
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
IP3
(dBm)
Frequency (GHz)
IP3 versus Frequency
(15 dBm tones, 3V)
-40°C
25°C
85°C
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Isolation
(dB)
Frequency (GHz)
Isolation versus Frequency
+85°C
+25°C
-40°C
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Return
Loss (dB)
Frequency (GHz)
Return Loss versus Frequency
+85°C
+25°C
-40°C
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Insertion
Loss (dB)
Frequency (GHz)
Insertion Loss versus Frequency
+85°C
+25°C
-40°C
20
25
30
35
40
2.00 2.25 2.50 2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00
Input
Compression
Power (dB)
Control Voltage (V)
Input P1dB Compression Point versus Control Voltage
(1980MHz)
+85°C
+25°C
-40°C
20
25
30
35
40
2.00 2.25 2.50 2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00
Input
Compression
Power (dB)
Control Voltage (V)
Input P1dB Compression Point versus Control Voltage
(915MHz)
+85°C
+25°C
-40°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com