Electronic Components Datasheet Search
  English  ▼

X  

RF3025SR Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3025SR
Description  SPDT, HIGH ISOLATION, SINGLE CONTROL, ABSORPTIVE SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3025SR Datasheet(HTML) 2 Page - RF Micro Devices

  RF3025SR Datasheet HTML 1Page - RF Micro Devices RF3025SR Datasheet HTML 2Page - RF Micro Devices RF3025SR Datasheet HTML 3Page - RF Micro Devices RF3025SR Datasheet HTML 4Page - RF Micro Devices RF3025SR Datasheet HTML 5Page - RF Micro Devices RF3025SR Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
DS091125
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF3025
Truth Table
Evaluation Board Layout
All Capacitors are 100pF
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage VDD
5.5
V
Control Voltage (VC)
5.5
V
RF Input Power (on state)
32
dBm
RF Input Power (terminated port)
24
dBm
Operating Temp Range (TL)
-40 to +85
°C
Storage Temp
-55 to +150
°C
Moisture Sensitivity Level
MSL2
VC
RFC-RF1
RFC-RF2
0
OFF
ON
1
ON
OFF
Logic ‘0’: 0V<VC<1.0V
Logic ‘1’: 2V<VC<5V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com