Electronic Components Datasheet Search
  English  ▼

X  

RFPA3807 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA3807
Description  GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA3807 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA3807 Datasheet HTML 1Page - RF Micro Devices RFPA3807 Datasheet HTML 2Page - RF Micro Devices RFPA3807 Datasheet HTML 3Page - RF Micro Devices RFPA3807 Datasheet HTML 4Page - RF Micro Devices RFPA3807 Datasheet HTML 5Page - RF Micro Devices RFPA3807 Datasheet HTML 6Page - RF Micro Devices RFPA3807 Datasheet HTML 7Page - RF Micro Devices RFPA3807 Datasheet HTML 8Page - RF Micro Devices RFPA3807 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
RFPA3807
GaAs HBT 400MHz TO 2700MHz POWER
AMPLIFIER
The RFPA3807 is a GaAs HBT linear power amplifier specifically designed for Wire-
less Infrastructure applications. Using a highly reliable GaAs HBT fabrication pro-
cess, this high performance single-stage amplifier achieves ultra-high linearity over
a broad frequency range. It also offers low noise figure making it an excellent solu-
tion for 2nd and 3rd stage LNAs. The RFPA3807 also exhibits excellent thermal per-
formance through the use of a thermally-enhanced plastic surface-mount slug
package.
Features
High Linearity: OIP3=46dBm at
880MHz
Low Noise: NF<4dB
Low DC Power: 5V, 90mA
400MHz to 2700MHz Operation
Thermally Enhanced Slug
Package
Applications
GaAs Pre-Driver for Base Station
Amplifiers
PA Stage for Commercial
Wireless Infrastructure
Class AB Operation for DCS, PCS,
UMTS, and WLAN Transceiver
Applications
2nd/3rd Stage LNA for Wireless
Infrastructure
DS100916
Package: SOIC-8
RFPA3807
GaAs HBT
400MHz to
2700MHz
Power Ampli-
fier
RFPA3807SQ
Sample Bag with 25 pieces
RFPA3807SR
7” Reel with 100 pieces
RFPA3807TR7
7” Reel with 750 pieces
RFPA3807TR13
13” Reel with 2500 pieces
RFPA3807PCK-410 869MHz to 960MHz PCBA with 5-piece Sample Bag
RFPA3807PCK-411 2110MHz to 2170MHz PCBA with 5-piece Sample Bag


Similar Part No. - RFPA3807

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3807PCK-410 RFMD-RFPA3807PCK-410 Datasheet
1Mb / 10P
AMPLIFIER
RFPA3807PCK-411 RFMD-RFPA3807PCK-411 Datasheet
1Mb / 10P
AMPLIFIER
RFPA3807SQ RFMD-RFPA3807SQ Datasheet
1Mb / 10P
AMPLIFIER
RFPA3807SR RFMD-RFPA3807SR Datasheet
1Mb / 10P
AMPLIFIER
RFPA3807TR13 RFMD-RFPA3807TR13 Datasheet
1Mb / 10P
AMPLIFIER
More results

Similar Description - RFPA3807

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
logo
List of Unclassifed Man...
RFPA2013 ETC2-RFPA2013 Datasheet
677Kb / 1P
RFPA2013 and RFPA2189 GaAs HBT Power Amplifier, 0.5W, 400 to 2700MHz
logo
RF Micro Devices
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
RFPA2545 RFMD-RFPA2545 Datasheet
2Mb / 19P
Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
SXB4089Z RFMD-SXB4089Z Datasheet
780Kb / 11P
400MHz to 2500MHz 쩍W MEDIUM POWER InGaP/GaAs HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com