Electronic Components Datasheet Search
  English  ▼

X  

ACT8342 Datasheet(PDF) 15 Page - Active-Semi, Inc

Part # ACT8342
Description  Three Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8342 Datasheet(HTML) 15 Page - Active-Semi, Inc

Back Button ACT8342_09 Datasheet HTML 9Page - Active-Semi, Inc ACT8342_09 Datasheet HTML 10Page - Active-Semi, Inc ACT8342_09 Datasheet HTML 11Page - Active-Semi, Inc ACT8342_09 Datasheet HTML 12Page - Active-Semi, Inc ACT8342_09 Datasheet HTML 13Page - Active-Semi, Inc ACT8342_09 Datasheet HTML 14Page - Active-Semi, Inc ACT8342_09 Datasheet HTML 15Page - Active-Semi, Inc ACT8342_09 Datasheet HTML 16Page - Active-Semi, Inc ACT8342_09 Datasheet HTML 17Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
ACT8342
Rev 3, 11-Sep-09
LOW-DROPOUT LINEAR REGULATORS
Innovative PowerTM
- 15 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
TYPICAL PERFORMANCE CHARACTERISTICS
(ACT8342QKCQI, VINL = 5V, TA = 25°C, unless otherwise specified.)
Load Regulation
Load Current (mA)
0.20
-0.20
0
0.15
0.10
0.05
0.00
-0.05
-0.10
-0.15
Output Current (mA)
LDO2 Dropout voltage vs. Output
current
250
20
0
60
40
LDO Output Voltage Noise
CH1
CH1: VOUTx, 200µV/div (AC COUPLED)
TIME: 200ms/div
Region of Stable COUT ESR vs. Output Current
20
40
60
100
120
300
200
150
100
50
0
80
1
0.1
0.01
0
50
100
150
100
120
140
160
Output Current (mA)
Stable ESR
80
LDO2
LDO3
Temperature (°C)
-40
85
-15
10
35
60
-0.5
0.4
0.3
0.2
0.1
0.0
-0.1
-0.2
-0.3
-0.4
ILOAD = 0mA
Output Voltage Deviation vs. Temperature
0.5
Output Current (mA)
160
20
0
60
40
200
120
80
40
0
100
120
160
80
140
LDO3 Dropout voltage vs. Output
current
3.1V
3.7V
3.1V
3.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com