Electronic Components Datasheet Search
  English  ▼

X  

ACT8796 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT8796
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8796 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT8796 Datasheet HTML 1Page - Active-Semi, Inc ACT8796 Datasheet HTML 2Page - Active-Semi, Inc ACT8796 Datasheet HTML 3Page - Active-Semi, Inc ACT8796 Datasheet HTML 4Page - Active-Semi, Inc ACT8796 Datasheet HTML 5Page - Active-Semi, Inc ACT8796 Datasheet HTML 6Page - Active-Semi, Inc ACT8796 Datasheet HTML 7Page - Active-Semi, Inc ACT8796 Datasheet HTML 8Page - Active-Semi, Inc ACT8796 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ACT8796
Rev 2, 16-Nov-09
Innovative PowerTM
- 5 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of Philips Electronics.
Active-Semi
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
UNIT
VP1, VP2, SW1, SW2 to GP12
VP3, SW3 to GP3
SCL, SDA, INL, OUT1, OUT2, OUT3, OUT4, OUT5, OUT6, ON3, REFBP, nRSTO,
PWRHLD, nMSTR to GA
-0.3 to +6
V
SW1 to VP1
SW2 to VP2
SW3 to VP3
-6 to +0.3
V
GP12, GP3 to GA
-0.3 to +0.3
V
Junction to Ambient Thermal Resistance (θJA)
30
°C/W
Operating Temperature Range
-40 to 85
°C
Junction Temperature
125
°C
Storage Temperature
-55 to 150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
RMS Power Dissipation (TA = 70°C)
1.8
W
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com