Electronic Components Datasheet Search
  English  ▼

X  

ACT8798 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT8798
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8798 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT8798 Datasheet HTML 2Page - Active-Semi, Inc ACT8798 Datasheet HTML 3Page - Active-Semi, Inc ACT8798 Datasheet HTML 4Page - Active-Semi, Inc ACT8798 Datasheet HTML 5Page - Active-Semi, Inc ACT8798 Datasheet HTML 6Page - Active-Semi, Inc ACT8798 Datasheet HTML 7Page - Active-Semi, Inc ACT8798 Datasheet HTML 8Page - Active-Semi, Inc ACT8798 Datasheet HTML 9Page - Active-Semi, Inc ACT8798 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
SYSTEM MANAGEMENT
ACT8798
Rev 1, 16-Nov-09
Innovative PowerTM
- 6 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of Philips Electronics.
Active-Semi
KEY:
R: Read-Only bits. No Default Assigned.
V: Default Values Depend on Voltage Option. Default Values May Vary.
Note: Addresses other than those specified in Table 1 may be used for factory settings. Do not access any registers other than those
specified in Table 1.
REGISTER DESCRIPTIONS
Table 1:
Global Register Map
OUTPUT
ADDRESS
DATA (DEFAULT VALUE)
HEX
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
REG1
10h
0
0
0
1
0
0
0
0
R
V
V
V
V
V
V
V
REG1
11h
0
0
0
1
0
0
0
1
R
R
R
R
R
R
R
0
REG1
12h
0
0
0
1
0
0
1
0
R
R
R
R
R
R
R
R
REG1
13h
0
0
0
1
0
0
1
1
R
R
R
R
R
0
R
1
REG2
20h
0
0
1
0
0
0
0
0
R
V
V
V
V
V
V
V
REG2
21h
0
0
1
0
0
0
0
1
R
R
R
R
R
R
R
0
REG2
22h
0
0
1
0
0
0
1
0
R
R
R
R
R
R
R
R
REG2
23h
0
0
1
0
0
0
1
1
R
R
R
R
R
0
R
1
REG3
30h
0
0
1
1
0
0
0
0
R
V
V
V
V
V
V
V
REG3
31h
0
0
1
1
0
0
0
1
R
R
R
R
R
R
R
0
REG3
32h
0
0
1
1
0
0
1
0
R
R
R
R
R
R
R
R
REG3
33h
0
0
1
1
0
0
1
1
R
R
R
R
R
0
R
1
REG4
03h
0
0
0
0
0
0
1
1
R
V
V
V
V
V
V
V
REG4
40h
0
1
0
0
0
0
0
0
R
R
0
R
R
R
R
R
REG5
41h
0
1
0
0
0
0
0
1
R
R
0
V
V
V
V
V
REG6
42h
0
1
0
0
0
0
1
0
R
R
0
V
V
V
V
V
REG456CFG
43h
0
1
0
0
0
0
1
1
R
R
R
1
1
1
0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com