Electronic Components Datasheet Search
  English  ▼

X  

ACT8890 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8890
Description  Advanced PMU for Portable Handheld Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8890 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8890 Datasheet HTML 1Page - Active-Semi, Inc ACT8890 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM is trademark of Active-Semi.
I
2CTM is a trademark of NXP.
Product Brief, 29-Nov-10
ACT8890
Advanced PMU for Portable Handheld Equipment
FEATURES
• Three Step-Down DC/DC Converters
• Four Low-Dropout Linear Regulators
• I2CTM Serial Interface
• Advanced Enable/Disable Sequencing Controller
• Minimal External Components
• Tiny 5×5mm TQFN55-32 Package
− 0.75mm Package Height
− Pb-Free and RoHS Compliant
APPLICATIONS
• Personal Navigation Devices
• Portable Media Players
• Tablet Devices
• Smart Phones
• MIDs
GENERAL DESCRIPTION
The ACT8890 is a complete, cost effective, highly-
efficient ActivePMU
TM power management solution,
for
portable
handheld
equipment
such
as
Smartphones,
Mobile
Internet
Devices
(MID),
eBooks and etc.
This device features three step-down DC/DC
converters and four low-noise, low-dropout linear
regulators.
The
three
DC/DC
converters
utilize
a
high-
efficiency, fixed-frequency (2MHz), current-mode
PWM control architecture that requires a minimum
number of external components. Two DC/DCs are
capable of supplying up to 1150mA of output
current, while the third supports up to 1300mA. All
four
low-dropout
linear
regulators
are
high-
performance, low-noise, regulators that supply up to
320mA each.
The ACT8890 is available in a compact, Pb-Free
and RoHS-compliant TQFN55-32 package.
TYPICAL APPLICATION DIAGRAM
®


Similar Part No. - ACT8890

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8891 ACTIVE-SEMI-ACT8891 Datasheet
80Kb / 2P
Advanced PMU for Rockchip RK2918 Processor
05-Dec-11
ACT8891 ACTIVE-SEMI-ACT8891 Datasheet
497Kb / 30P
Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
ACT8891Q4I133-T ACTIVE-SEMI-ACT8891Q4I133-T Datasheet
497Kb / 30P
Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
ACT8891 ACTIVE-SEMI-ACT8891_14 Datasheet
497Kb / 30P
Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
ACT8892 ACTIVE-SEMI-ACT8892 Datasheet
88Kb / 2P
Advanced Power Management Unit
05-Dec-12
More results

Similar Description - ACT8890

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8700 ACTIVE-SEMI-ACT8700 Datasheet
164Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
10-Aug-07
ACT8710 ACTIVE-SEMI-ACT8710 Datasheet
111Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8352 ACTIVE-SEMI-ACT8352 Datasheet
166Kb / 2P
Four-Channel Integrated Power Management IC for Handheld Portable Equipment
05-May-09
ACT8712 ACTIVE-SEMI-ACT8712_08 Datasheet
655Kb / 36P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
ACT8798 ACTIVE-SEMI-ACT8798_08 Datasheet
646Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 10-Oct-08
ACT8332 ACTIVE-SEMI-ACT8332_10 Datasheet
296Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 24-May-10
ACT8930 ACTIVE-SEMI-ACT8930 Datasheet
101Kb / 2P
Advanced PMU for Portable Handheld Equipment
04-Nov-10
logo
Shenzhen Huazhimei Semi...
HM5801 HMSEMI-HM5801 Datasheet
2Mb / 19P
PMU for Portable Applications
HM8332 HMSEMI-HM8332 Datasheet
209Kb / 8P
Three Channels Integrated Power Management IC for Handheld Portable Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com