Electronic Components Datasheet Search
  English  ▼

X  

EGP10A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # EGP10A
Description  1.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

EGP10A Datasheet(HTML) 2 Page - Micro Commercial Components

  EGP10A Datasheet HTML 1Page - Micro Commercial Components EGP10A Datasheet HTML 2Page - Micro Commercial Components EGP10A Datasheet HTML 3Page - Micro Commercial Components EGP10A Datasheet HTML 4Page - Micro Commercial Components EGP10A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EGP10A
THRU
EGP10K
1.0 Amp Glass
Passivated High
Efficient Rectifiers
50 to 800 Volts
Features
•
Glass passivated cavity-free junction
.
•
Operating Temperature: -55
OC to +150OC
•
Storage Temperature: -55
OC to +150OC
•
Typical Thermal Resistance: 50
OC/W Junction to Ambient
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
EGP10A
50V
35V
50V
EGP10B
100V
70V
100V
EGP10D
200V
140V
200V
EGP10F
300V
210V
300V
EGP10G
400V
280V
400V
EGP10J
600V
420V
600V
EGP10K
800V
560V
800V
Electrical Characteristics @ 25OC Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0 A
TA = 55
OC
Peak Forward Surge
Current
IFSM
30A
8.3ms, half
sine
Maximum
Instantaneous Forward
Voltage
EGP10A-10D
EGP10F-10G
EGP10J-10K
VF
1.00V
1.25V
1.70V
IF=1.0A
TA=25
OC
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
5.0uA
100uA
TA = 25
OC
TA = 125
OC
Maximum Reverse
Recovery Time
EGP10A-10G
EGP10J-10K
trr
50nS
75nS
IF=0.5A,
IR=1.0A,
IRR=0.25A
TJ=25
OC
Typical Junction
Capacitance
EGP10A-10D
EGP10F-10K
CJ
22pF
15pF
Measured at
1.0MHz,
VR=4.0V
         
DO-41
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision: 7
2008/01/30
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0 and MSL rating 1
Marking : Cathode band and type number
www.mccsemi.com
1 of 4
•
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Maximum Ratings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com