Electronic Components Datasheet Search
  English  ▼

X  

EM513 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # EM513
Description  1.0 Amp General Purpose Plastic Rectifier 1600 to 2000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

EM513 Datasheet(HTML) 1 Page - Micro Commercial Components

  EM513 Datasheet HTML 1Page - Micro Commercial Components EM513 Datasheet HTML 2Page - Micro Commercial Components EM513 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EM513
THRU
EM518
1.0 Amp General
Purpose Plastic
Rectifier
1600 to 2000 Volts
Features
Maximum Ratings
•
Operating Temperature: -65
to +175
•
Storage Temperature: -65
to +175
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
EM513
1600V
1120V
1600V
EM516
1800V
1260V
1800V
EM518
2000V
1400V
2000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IO
1.0A
.375’’ (9.5mm) Lead
LengthTA = 55
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
50
µA
TJ = 25
TJ = 100
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
Typical Thermal
Resistance
Rthja
50
/W
(Note 1)
•
High reverse voltage
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%  !"#
MCC
www.mccsemi.com
DO-41
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
TM
Micro Commercial Components
MCC
Part Number
•
Low reverse leakage
•
High forward surge current capability.
•
Weight: 0.012 ounce, 0.33grams
Note 1:Thermal Resistance from Junction to Ambient at 0.375" (9.5mm)
lead length, P.C. board mounted.
EM513~EM516
EM518
IFM = 1.0A;
TJ = 25
1.2V
1.1V
VF
1 of 3
Revision: A
2011/01/01
•
Lead Free Finish/RoHS Compliant (Note
2) ("P"Suffix designates
Compliant. See ordering information)
2: High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - EM513

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
EM513 PANJIT-EM513 Datasheet
51Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 1250 to 1600 Volts CURRENT - 1.0 Ampere)
logo
Bytes
EM513 BYTES-EM513 Datasheet
151Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Shanghai Lunsure Electr...
EM513 CHENYI-EM513 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Dc Components
EM513 DCCOM-EM513 Datasheet
376Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
EM513 DCCOM-EM513 Datasheet
377Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results

Similar Description - EM513

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY127M PANJIT-BY127M Datasheet
51Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 1250 to 1600 Volts CURRENT - 1.0 Ampere)
logo
Powerex Power Semicondu...
R7S01600A POWEREX-R7S01600A Datasheet
435Kb / 4P
General Purpose Rectifier (1600 Amperes Average 1600 Volts)
logo
Central Semiconductor C...
CMR1-02M CENTRAL-CMR1-02M Datasheet
86Kb / 2P
GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
logo
Micro Commercial Compon...
1N4016 MCC-1N4016 Datasheet
424Kb / 3P
1.0 Amp Plastic Silicon Rectifier 1600 Volts
EM518-TP MCC-EM518-TP Datasheet
280Kb / 3P
1.0 Amp General Purpose Plastic Rectifier 1600 to 2000 Volts
EM513 MCC-EM513_16 Datasheet
221Kb / 3P
1.0 Amp General Purpose Plastic Rectifier 1600 to 2000 Volts
EM513GP MCC-EM513GP Datasheet
262Kb / 3P
1.0 Amp General Purpose Plastic Rectifier 1600 to 2000 Volts
GS1Y-L MCC-GS1Y-L Datasheet
189Kb / 2P
1.0 Amp Glass Passivated Rectifier 1600 Volts
GS1Z-L MCC-GS1Z-L Datasheet
426Kb / 3P
1.0 Amp Glass Passivated Rectifier 2000 Volts
S1YA MCC-S1YA Datasheet
281Kb / 2P
1.0 Amp Glass Passivated Rectifier 1600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com