Electronic Components Datasheet Search
  English  ▼

X  

EGP30D Datasheet(PDF) 2 Page - Micro Commercial Components

Part # EGP30D
Description  3.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

EGP30D Datasheet(HTML) 2 Page - Micro Commercial Components

  EGP30D Datasheet HTML 1Page - Micro Commercial Components EGP30D Datasheet HTML 2Page - Micro Commercial Components EGP30D Datasheet HTML 3Page - Micro Commercial Components EGP30D Datasheet HTML 4Page - Micro Commercial Components EGP30D Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EGP30A
THRU
EGP30K
3.0 Amp Glass
Passivated High
Efficient Rectifiers
50 to 800 Volts
Features
•
Superfast recovery time for high efficiency
•
Glass passivated cavity-free junction, Plastic case
•
Operating Temperature: -55
OC to +150OC
•
Storage Temperature: -55
OC to +150OC
•
Typical Thermal Resistance: 20
OC/W Junction to Ambient
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
EGP30A
50V
35V
50V
EGP30B
100V
70V
100V
EGP30D
200V
140V
200V
EGP30F
300V
210V
300V
EGP30G
400V
280V
400V
EGP30J
600V
420V
600V
EGP30K
800V
560V
800V
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Maximum Average
Forward Current
IF(AV)
3.0 A
TA = 55
OC
Peak Forward Surge
Current
IFSM
125A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
EGP30A-30D
EGP30F-30G
EGP30J-30K
VF
1.00V
1.25V
1.70V
IF=3.0A
TA=25
OC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
100uA
TA=25
OC
TA=125
OC
Reverse Recovery
Time
EGP30A-30G
EGP30J-30K
Trr
50nS
75nS
TA=25
OC
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
EGP30A-30D
EGP30F-30K
CJ
95pF
75pF
Measured at
f=1.0MHz
VR=4.0V
DO-201AD
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
6
200
8/10/30
TM
Micro Commercial Components
Maximum Ratings
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0
and MSL rating 1
Marking : Cathode band and type number
www.mccsemi.com
1 of 4
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
A
.287
.374
7.30
9.50
B
.189
.208
4.80
5.30
•
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com