Electronic Components Datasheet Search
  English  ▼

X  

FR3AB Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FR3AB
Description  3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR3AB Datasheet(HTML) 1 Page - Micro Commercial Components

  FR3AB Datasheet HTML 1Page - Micro Commercial Components FR3AB Datasheet HTML 2Page - Micro Commercial Components FR3AB Datasheet HTML 3Page - Micro Commercial Components FR3AB Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FR3AB
THRU
FR3MB
3 Amp Fast Recovery
Silicon Rectifier
50 to 1000 Volts
Features
•
Easy Pick And Place
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals\
•
Fast Recovery Times For High Effieciency
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 10
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FR3AB
FR3AB
50V
35V
50V
FR3BB
FR3BB
100V
70V
100V
FR3DB
FR3DB
200V
140V
200V
FR3GB
FR3GB
400V
280V
400V
FR3JB
FR3JB
600V
420V
600V
FR3KB
FR3KB
800V
560V
800V
FR3MB
FR3MB
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
TJ = 120
°C
Peak Forward Surge
Current
IFSM
100A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.30V
IFM = 3.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
250
µA
TJ = 25
°C
TJ = 100
°C
Maximum Reverse
Recovery Time
FR3AB-GB
FR3JB
FR3KB-MB
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
80pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
0.050”
0.106
0.083”
SUGGESTED SOLDER
PAD LAYOUT
DO-214AA
(SMB) (LEAD FRAME)
A
B
D
C
E
F
G
H
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.160
.185
4.06
4.70
B
.130
.155
3.30
3.94
C
.006
.012
0.15
0.31
D..030
.060
0.76
1..52
E
.200
.220
5.08
5.59
F
.079
.103
2.01
2.62
G
.075
.087
1.91
2.21
H
.002
.008
0.05
0.203
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - FR3AB

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR3AB MCC-FR3AB Datasheet
86Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Yea Shin Technology Co....
FR3AB YEASHIN-FR3AB Datasheet
83Kb / 2P
FAST SWITCHING SURFACE MOUNT RECTIFIER
logo
SUNMATE electronic Co.,...
FR3AB SUNMATE-FR3AB Datasheet
313Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Micro Commercial Compon...
FR3AB MCC-FR3AB Datasheet
217Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
SUNMATE electronic Co.,...
FR3ABF SUNMATE-FR3ABF Datasheet
343Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - FR3AB

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR301GP MCC-FR301GP Datasheet
80Kb / 3P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR3A MCC-FR3A Datasheet
87Kb / 3P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB Datasheet
86Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3A MCC-FR3A_11 Datasheet
752Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3A MCC-FR3A_13 Datasheet
775Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB_13 Datasheet
282Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR301 YFWDIODE-FR301 Datasheet
113Kb / 3P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR3A MCC-FR3A_14 Datasheet
775Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB_17 Datasheet
217Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
FR3A LEIDITECH-FR3A Datasheet
816Kb / 3P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com