Electronic Components Datasheet Search
  English  ▼

X  

FR3J Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FR3J
Description  3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR3J Datasheet(HTML) 1 Page - Micro Commercial Components

  FR3J Datasheet HTML 1Page - Micro Commercial Components FR3J Datasheet HTML 2Page - Micro Commercial Components FR3J Datasheet HTML 3Page - Micro Commercial Components FR3J Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FR3A
THRU
FR3M
3 Amp Fast Recovery
Silicon Rectifier
50 to 1000 Volts
DO-214AB
(SMC)
Features
•
Easy Pick And Place
•
High Temp Soldering: 2
60
°C for 10 Seconds At Terminals
•
Fast Recovery Times For High Effieciency
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 10
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FR3A
FR3A
50V
35V
50V
FR3B
FR3B
100V
70V
100V
FR3D
FR3D
200V
140V
200V
FR3G
FR3G
400V
280V
400V
FR3J
FR3J
600V
420V
600V
FR3K
FR3K
800V
560V
800V
FR3M
FR3M
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
TJ = 120
°C
Peak Forward Surge
Current
IFSM
100A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.30V
IFM = 3.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
250
µA
TJ = 25
°C
TJ = 100
°C
Maximum Reverse
Recovery Time
FR3A-G
FR3J
FR3K-M
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
80pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
0.070”
0.190
0.125”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.103
2.00
2.62
B
.108
.128
2.75
3.25
C
.002
.008
0.051
0.203
D
.006
.012
0.152
0.305
E
.030
.050
0.76
1.27
F
..305
.320
7.75
8.13
G
.260
.280
6.60
7.11
H
.220
.245
5.59
6.22
G
H
E
D
F
A
B
C
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
(
LEAD FRAME)
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - FR3J

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR3J SURGE-FR3J Datasheet
80Kb / 2P
FAST SWITCHING SURFACE MOUNT RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT -3.0 Amperes?
logo
Transys Electronics
FR3J TRSYS-FR3J Datasheet
145Kb / 3P
FAST SWITCHING SURFACE MOUNT RECTIFIER
logo
Dc Components
FR3J DCCOM-FR3J Datasheet
522Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR3J MCC-FR3J Datasheet
87Kb / 3P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
FR3J DIOTEC-FR3J Datasheet
165Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
More results

Similar Description - FR3J

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR301GP MCC-FR301GP Datasheet
80Kb / 3P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR3A MCC-FR3A Datasheet
87Kb / 3P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB Datasheet
86Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB_11 Datasheet
251Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3A MCC-FR3A_13 Datasheet
775Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB_13 Datasheet
282Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR301 YFWDIODE-FR301 Datasheet
113Kb / 3P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR3A MCC-FR3A_14 Datasheet
775Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB_17 Datasheet
217Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
FR3A LEIDITECH-FR3A Datasheet
816Kb / 3P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com