Electronic Components Datasheet Search
  English  ▼

X  

FR501 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FR501
Description  5 Amp Fast Recovery Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR501 Datasheet(HTML) 1 Page - Micro Commercial Components

  FR501 Datasheet HTML 1Page - Micro Commercial Components FR501 Datasheet HTML 2Page - Micro Commercial Components FR501 Datasheet HTML 3Page - Micro Commercial Components FR501 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FR501
THRU
FR507
5 Amp Fast Recovery
Rectifier
50 to 1000 Volts
Features
•
Low Forward Voltage Drop and High Current Capability
•
Fast Switching Speed For High Efficiency
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FR501
50V
35V
50V
FR502
100V
70V
100V
FR503
200V
140V
200V
FR504
400V
280V
400V
FR505
600V
420V
600V
FR506
800V
560V
800V
FR507
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
5 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.35V
IFM = 5.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
150
µA
TA = 25
°C
TA = 55
°C
Maximum Reverse
Recovery Time
FR501-504
FR505
FR506-507
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
65pF
Measured at
1.0MHz, VR=4.0V
DO-201AD
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
A
.287
.374
7.30
9.50
B
.189
.208
4.80
5.30
FR507
FR506
FR505
FR504
FR503
FR502
FR501
www.mccsemi.com
1 of 4
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - FR501

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FR501 EIC-FR501 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
FR501 BILIN-FR501 Datasheet
80Kb / 2P
FAST RECOVERY RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
FR501 SEMTECH_ELEC-FR501 Datasheet
335Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
FR501 SYNSEMI-FR501 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
Shanghai Lunsure Electr...
FR501 CHENYI-FR501 Datasheet
48Kb / 3P
5 Amp fast recovery rectifier 50 to 1000 volts
More results

Similar Description - FR501

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR301GP MCC-FR301GP Datasheet
80Kb / 3P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
FR501 CHENYI-FR501 Datasheet
48Kb / 3P
5 Amp fast recovery rectifier 50 to 1000 volts
logo
Micro Commercial Compon...
FR10A MCC-FR10A_11 Datasheet
247Kb / 4P
10 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR151 MCC-FR151_11 Datasheet
747Kb / 4P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR151S MCC-FR151S Datasheet
232Kb / 4P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR201 MCC-FR201_11 Datasheet
460Kb / 4P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
FS2A-L MCC-FS2A-L Datasheet
104Kb / 4P
2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FSM11PL MCC-FSM11PL_11 Datasheet
176Kb / 3P
1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR501 MCC-FR501_13 Datasheet
482Kb / 4P
5 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR501GP MCC-FR501GP Datasheet
496Kb / 4P
5 Amp Glass Recovery Rectifier 50 to 1000 Volts Passivated Fast
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com