Electronic Components Datasheet Search
  English  ▼

X  

GL34A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # GL34A
Description  0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GL34A Datasheet(HTML) 2 Page - Micro Commercial Components

  GL34A Datasheet HTML 1Page - Micro Commercial Components GL34A Datasheet HTML 2Page - Micro Commercial Components GL34A Datasheet HTML 3Page - Micro Commercial Components GL34A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
0.20
0.40
C
.055
.063
1.40
1.60
Features
For Surface Mount Application and High Current Capability
Higher Temp Soldering: 2
60oC for 10 Seconds At Terminals
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
GL34A
THRU
GL34M
0.5 Amp
Standard Recovery
Rectifier
50 to 1000 Volts
MINIMELF
A
B
C
Cathode Mark
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision: 8
2008/07/24
Maximum Ratings
Operating Temperature: -65
to +175
Storage Temperature:
-65
to +175
Maximum Thermal Resistance:
70 /W Junction to Lead
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
MCC
Part
Number
Maximum
Recurrent Peak
Reverse Voltage
Maximum
RMS
Voltage
Maximum
DC Blocking
Voltage
GL34A
50V
35V
50V
GL34B
100V
70V
100V
GL34D
200V
140V
200V
GL34G
400V
280V
400V
GL34J
600V
420V
600V
GL34K
800V
560V
800V
GL34M
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.5 A
TL = 75°C
Peak Forward Surge
Current
IFSM
10A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
GL34A-D
GL34J-M
VF
1.20V
1.30V
IFM =0.5A;
TA = 25°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5µA
TA = 25°C
Typical Junction
Capacitance
CJ
7.0pF
Measured at
1.0MHz, VR=4.0V
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
RoHS Compliant. See ordering information)
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com