Electronic Components Datasheet Search
  English  ▼

X  

LM16255 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LM16255
Description  Character Type LCD Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM16255 Datasheet(HTML) 1 Page - Sharp Corporation

  LM16255 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
25
Mass-production
LM16255
Character Type LCD Module
Features
s 16 characters x 2 lines
s TN type LCD (Reflective)
s 5 x 7 dots with cursor
s Suitable for telephone, facsimile etc.,
Specifications
Parameter
Unit
Parameter
Unit
No. of characters
16 x 2
-
Power consumption Panel
8
mW
Character size(H x V)
2.96 x 4.86
mm
Backlight
-
mW
Viewing area (H x V)
61.0 x 15.8
mm
Supply voltage
5
(V)
Panel type
TN
-
Outline dimensions (W x H x D) 84.0 x 44.0 x 11.0
mm
Panel mode
Reflective
-
Weight
28
g
Viewing direction
6:00
-
Operating temperature
0 to + 50
°C
Backlight type
-
-
Storage temperature
-25 to + 70
°C
Backlight color
-
-
Outline Dimensions
unit : mm
0.59
2
0.04
0.56
2.96
2- 0.9
1.5
1.5
73
79
84
61x15.8
Viewing Area
1.5
56.21
4
14- 1
2- 0.25
2-R1.25
(2.54Px13)
76
9.9
6.2
33.02
Pin1
Pin14


Similar Part No. - LM16255

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM162KS1 SHARP-LM162KS1 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
More results

Similar Description - LM16255

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM16X21B SHARP-LM16X21B Datasheet
33Kb / 1P
Character Type LCD Module
logo
List of Unclassifed Man...
PVC160203PGL01 ETC-PVC160203PGL01 Datasheet
308Kb / 20P
Character Type Lcd Module
FDCC1602N-FLYYBW-91LE ETC2-FDCC1602N-FLYYBW-91LE Datasheet
985Kb / 22P
CHARACTER TYPE DOT MATRIX LCD MODULE
logo
Shenzhen TOPWAY Technol...
LMB162A TOPWAY-LMB162A Datasheet
154Kb / 1P
Character Type LCD Module
logo
Crystalfontz America, I...
CFAH0802A-TTI-JT CRYSTAIFONTZ-CFAH0802A-TTI-JT Datasheet
837Kb / 12P
CHARACTER LCD MODULE
CFAH0802D-NYG-JT CRYSTAIFONTZ-CFAH0802D-NYG-JT Datasheet
509Kb / 11P
CHARACTER LCD MODULE
CFAH1202A-YYH-JT CRYSTAIFONTZ-CFAH1202A-YYH-JT Datasheet
858Kb / 11P
CHARACTER LCD MODULE
CFAH2004A-YTI-JT CRYSTAIFONTZ-CFAH2004A-YTI-JT Datasheet
852Kb / 12P
CHARACTER LCD MODULE
CFAH2004B-TFH-ET CRYSTAIFONTZ-CFAH2004B-TFH-ET Datasheet
1,012Kb / 12P
CHARACTER LCD MODULE
CFAH4004A-YYH-JT CRYSTAIFONTZ-CFAH4004A-YYH-JT Datasheet
985Kb / 12P
CHARACTER LCD MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com