Electronic Components Datasheet Search
  English  ▼

X  

GRM92-45 Datasheet(PDF) 1 Page - ORION FANS

Part # GRM92-45
Description  Filter Assemblies
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

GRM92-45 Datasheet(HTML) 1 Page - ORION FANS

  GRM92-45 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Filter Assemblies
UL94V-O, Plastic
92mm (3.62”)
120mm (4.7”)
172mm (6.7”)
Assembly
Part Nos.
GRM92-30
GRM92-45
Guard
Part No.
G92P
Retainer
Part No.
R92P
Media
Part Nos.
M92-30 or
M92-45
Matching Fan Series: OD9220, OD9225, OA92, OA938
Assembly
Part Nos.
GRM172-30
GRM172-45
Guard
Part No.
G172P
Retainer
Part No.
R172P
Media
Part Nos.
M172-30 or
M172-45
Assembly
Part Nos.
GRM120-30
GRM120-45
Guard
Part No.
G120P
Retainer
Part No.
R120P
Media
Part Nos.
M120-30 or
M120-45
Matching Fan Series: OD172, OA162, OA172
Matching Fan Series: OD1225, OD1238, OA125, OA109, OA4715
High Impact UL94V-O
plastic Frame
Aerodynamic design helps
to reduce fan noise
Meets UL/cUL 6.35mm
(0.25”) ring spacing
requirement
10557 Metric Drive, Dallas, Texas 75243
Call Us: 800-323-2439 or 214-340-0265
www.OrionFans.com (Orion Fans is a registered Trademark of Knight Electronics, Inc.
10
74351 Guards Brochure:74351 Guards Brochure
5/1/08
3:21 PM
Page 11


Similar Part No. - GRM92-45

ManufacturerPart #DatasheetDescription
logo
ORION FANS
GRM92 ORIONFANS-GRM92 Datasheet
449Kb / 1P
Plastic - reinforced ABS
More results

Similar Description - GRM92-45

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
AN4505 DYNEX-AN4505 Datasheet
116Kb / 5P
Power Assemblies
logo
Microsemi Corporation
673 MICROSEMI-673 Datasheet
79Kb / 2P
RECTIFIERS ASSEMBLIES
678 MICROSEMI-678 Datasheet
118Kb / 3P
RECTIFIERS ASSEMBLIES
US12 MICROSEMI-US12 Datasheet
153Kb / 4P
RECTIFIERS ASSEMBLIES
logo
EPCOS
B57227 EPCOS-B57227 Datasheet
201Kb / 8P
Probe assemblies
logo
Glenair, Inc.
220-07H10 GLENAIR-220-07H10 Datasheet
424Kb / 1P
Receptacle Assemblies
logo
ORION FANS
GRM40-30 ORIONFANS-GRM40-30 Datasheet
408Kb / 1P
Filter Assemblies
logo
List of Unclassifed Man...
PMFA160 ETC2-PMFA160 Datasheet
265Kb / 2P
fan filter assemblies - PMFA T Series
logo
TDK Electronics
B57500K0103A001 TDK-B57500K0103A001 Datasheet
286Kb / 10P
Probe assemblies
B57514K0493A001 TDK-B57514K0493A001 Datasheet
235Kb / 9P
Probe assemblies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com