Electronic Components Datasheet Search
  English  ▼

X  

LM16A21 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LM16A21
Description  Character Type LCD Module(FA/POS/Measuring instruments)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM16A21 Datasheet(HTML) 1 Page - Sharp Corporation

  LM16A21 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mass-production
Character Type LCD Module
LM16A21
(FA/POS/Measuring instruments)
Features
s 16 characters x 2 lines
s STN LCD (Reflective)
s 5 x 7 dots with cursor
s Suitable for telephone & facsimile etc.,
Specifications
Parameter
Unit
Parameter
Unit
No. of characters
16 x 2
-
Power consumption
8
mW
Character size(H x V)
2.96 x 4.86
mm
Supply voltage
5
(V)
Viewing area (H x V)
61.0 x 15.8
mm
Outline dimensions (W x H x D) 84.0 x 44.0 x 11.0
mm
Panel type
STN
-
Weight
28
g
Panel mode
Reflective
-
Operating temperature
0 to +50
°C
Viewing direction
Normal view
-
Storage temperature
-25 to +70
°C
Backlight type
-
-
Backlight color
-
-
Outline Dimensions
unit : mm
0.59
2
0.04
0.56
2.96
1.5
1.5
73
79
84
61 x 15.8
Viewing Area
1.5
56.21
4
(2.54P x 13)
76
9.9
6.2
33.02
Pin1
Pin14


Similar Part No. - LM16A21

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LM16 CREE-LM16 Datasheet
387Kb / 3P
LED MR16 Lamp
01/04/2013
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
High Speed Differential Comparator
logo
SEMTECH ELECTRONICS LTD...
LM160 SEMTECH_ELEC-LM160 Datasheet
418Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Texas Instruments
LM160 TI1-LM160 Datasheet
872Kb / 15P
LM160/LM360 High Speed Differential Comparator
LM160 TI1-LM160 Datasheet
343Kb / 13P
LM160QML High Speed Differential Comparator
More results

Similar Description - LM16A21

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM12S49 SHARP-LM12S49 Datasheet
114Kb / 1P
Color STN-LCD Module(FA/POS/Measuring instruments)
LM16155 SHARP-LM16155 Datasheet
18Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM162KS1 SHARP-LM162KS1 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM202KS1 SHARP-LM202KS1 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM20A21 SHARP-LM20A21 Datasheet
18Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM40A21 SHARP-LM40A21 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM40X21A SHARP-LM40X21A Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM40X21B SHARP-LM40X21B Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LQ057Q3DC02 SHARP-LQ057Q3DC02 Datasheet
118Kb / 1P
Color TFT-LCD Module(FA/POS/Measuring instruments)
LQ121S1DG31 SHARP-LQ121S1DG31 Datasheet
119Kb / 1P
Color TFT-LCD Module(FA/POS/Measuring instruments)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com