Electronic Components Datasheet Search
  English  ▼

X  

GWS Datasheet(PDF) 1 Page - TDK Electronics

Part # GWS
Description  Single Output 250 & 500W Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

GWS Datasheet(HTML) 1 Page - TDK Electronics

  GWS Datasheet HTML 1Page - TDK Electronics GWS Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GWS Series
3055 Del Sol Blvd • San Diego, CA 92154 • 1-800-526-2324
53
u High Efficiency, up to 93%
u 1.6" high (For 1U racking)
u Wide Range AC Input
u 250W Convection Cooled
u Five year warranty
Single Output 250 & 500W Power Supplies
MODEL
GWS250
GWS500
ITEMS
AC Input Voltage (300VAC for 5s)
VAC
85 - 264VAC
Input Frequency
Hz
47 - 63Hz
DC Input Voltage
VDC
120 - 373VDC
Inrush Current (cold start)
A
20A at 115VAC, 40A at 230VAC
Power Factor
(1)
-
Meets EN61000-3-2 (Typical PF 0.98/0.95)
Input Current (115/230VAC)
A
3.0 / 1.4
5.5 / 2.7 (4.5 / 2.3 for 5V model)
Temperature Coefficient
°C
<0.02%/°C (0 - 50°C)
Overcurrent Protection
-
>105% of nominal or >101% of peak. 5V-12V hiccup style, 24V-48V Constant current style
Overvoltage Protection
(2)
V
5V: 5.75 - 6.75V, 7.5V: 8.6 - 10.1V, 12V: 13.8 - 16.2V24V: 30.3 - 35.5V, 36V: 41.4 - 48.6V, 48V: 60 -69.6V
Overtemperature Protection (2)
-
Yes
Hold Up Time (115 / 230V input)
ms
16ms
Leakage Current (240VAC 60Hz)
mA
<0.75mA
Remote Sense
-
No
Yes
Remote On/Off
-
Active Low
Standby Input Power Draw
W
<0.5W
5V Standby (always on)
-
5V 0.3A
DC Good
-
DC Good, open collector signal, High on Fail
LED Indicator
-
Green LED = On
Output Remote Programming
-
See installation manual for details
Operating Temperature
°C
-25 to +70°C. Derate linearly to
-25 to +70°C. Derate linearly to
50% load from +50 to +70°C
TBD% load from +50 to +70°C
Storage Temperature
°C
-30 to +85°C
Operating Humidity
-
30 - 90% RH (non condensing)
Storage Humidity
-
10 - 95% RH (non condensing)
Cooling
-
Convection
Internal fan
Withstand Voltage
-
Input to Ground 1.5kVAC, Input to Output 3kVAC, Output to Ground 500VAC for 1 min.
Isolation Resistance
-
>100M at 25°C & 70%RH, Output to Ground 500VDC
Vibration (non operating)
-
10 - 55Hz: 19.6m/s2 constant sweep 1 min X, Y, Z for 1 hour
Shock
-
< 196.1 m/s2 (20G)
Immunity
-
IEC61000-4-2 (lv 2, 3), -3 (lv3), -4 (lv 3), -5 (lv 4), -6 (lv 3), -8 (lv 4), -11
Safety Agency Approvals
-
UL60950-1, CSA C22.2 No 60950-1-07 (cUL), EN60950-1 2nd Edition, IEC60950-1, CE Mark
Conducted & Radiated EMI
-
EN55022-B, FCC-B
Weight (Typ)
g
850
1020
Size (LxWxH
in
7.8 x 4.1 x 1.61"
8.6 x 4.1 x 1.61"
Warranty
yrs
Five Years
Specifications
(1) 115 / 230VAC input
(2) Recycle AC, or use remote on/off to reset
Note: Green shade = preliminary
GWS500 Shown
Light Industrial
Test & Measurement
Automated Service
Kiosks
Key Market Segments & Applications


Similar Part No. - GWS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GWS VISHAY-GWS Datasheet
182Kb / 11P
Vitreous Wirewound Resistors with Lugs
19-Jul-16
logo
Bosch Sensortec GmbH
GWS 11-125CI BOSCH-GWS 11-125CI Datasheet
30Kb / 1P
Angle Grinders - 125mm
GWS 8-115 BOSCH-GWS 8-115 Datasheet
29Kb / 1P
115mm Angle Grinders
GWS 8-115 AVH BOSCH-GWS 8-115 AVH Datasheet
27Kb / 1P
115mm Angle Grinder
logo
Vishay Siliconix
GWS100 VISHAY-GWS100 Datasheet
182Kb / 11P
Vitreous Wirewound Resistors with Lugs
19-Jul-16
More results

Similar Description - GWS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W72 ETC1-W72 Datasheet
104Kb / 2P
Single Output Regulated Power Supplies
logo
MicroPower Direct, LLC
MPA500R MPD-MPA500R Datasheet
381Kb / 2P
Industrial 500W Single Output Power Factor Corrected AC/DC Power Supplies
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
Single Output Industrial Power Supplies
logo
TDK Electronics
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
Single Output Industrial Power Supplies
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
Single Output Industrial Power Supplies
logo
SL Power Electronics
LU500 SLPOWER-LU500 Datasheet
257Kb / 3P
500W Single Output LED Series
MINT1500 SLPOWER-MINT1500 Datasheet
466Kb / 7P
500W Single Output
MINT1500B SLPOWER-MINT1500B Datasheet
464Kb / 6P
500W Single Output LED Series
logo
MicroPower Direct, LLC
MPO-500S MPD-MPO-500S Datasheet
1Mb / 4P
Single Output, 500W Power Factor Corrected, AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com