Electronic Components Datasheet Search
  English  ▼

X  

LS200-24 Datasheet(PDF) 2 Page - TDK Electronics

Part # LS200-24
Description  Single Output 150 - 200W General Purpose Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

LS200-24 Datasheet(HTML) 2 Page - TDK Electronics

  LS200-24 Datasheet HTML 1Page - TDK Electronics LS200-24 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LS200 Series
3055 Del Sol Blvd • San Diego, CA 92154 • 1-800-526-2324
76
Model Selector
LS200-3.3
3.3V
3.0 - 3.6
40.0
N/A
-
40
16
80
67 / 68
LS200-5
5V
4.75 - 5.5
40.0
N/A
-
40
20
80
72 / 75
LS200-7.5
7.5V
6.8 - 8.2
26.7
N/A
-
40
20
80
74 / 77
LS200-12
12V
10.8 - 14.4
16.7
N/A
-
96
48
120
76 / 79
LS200-15
15V
13.5 - 16.5
13.4
N/A
-
120
60
120
80 / 83
LS200-24
24V
22 - 28.8
8.4
N/A
10.4
192
96
120
82 / 84
LS200-36
36V
32 - 40
5.6
N/A
6.9
288
144
150
82 / 85
LS200-48
48V
42 - 57.6
4.2
N/A
-
384
192
200
82 / 85
LS200-3.3/L
3.3V
3.0 - 3.6
40.0
32.0
-
40
16
80
67 / 68
LS200-5/L
5V
4.75 - 5.5
40.0
32.0
-
40
20
80
72 / 75
LS200-7.5/L
7.5V
6.8 - 8.2
26.7
21.36
-
40
20
80
74 / 77
LS200-12/L
12V
10.8 - 14.4
16.7
15.0
-
96
48
120
76 / 79
LS200-15/L
15V
13.5 - 16.5
13.4
12.0
-
120
60
120
80 / 83
LS200-24/L
24V
22 - 28.8
8.4
7.5
10.4
192
96
120
82 / 84
LS200-36/L
36V
32 - 40
5.6
5.0
6.9
288
144
150
82 / 85
LS200-48/L
48V
42 - 57.6
4.2
3.78
-
384
192
200
82 / 85
Adjust Range
Max Current
Max Current
Peak
Load Reg Line Reg Ripple Noise Efficiency
Model
Voltage
(V)
Forced Air(A)(4) Convect.(A)(5)
Current (A)
(mV)
(mV)
(mV)
(typ) %(1)
Revision A3: Jan 2011
For Additional Information, please visit us.tdk-lambda.com/lp/products/ls-series.htm
(4) With internal fan version LS200-xx or LS200-xx/L version with external airflow.
(5) See Installation manual for derating curve.
Outline Drawing
LS25 - 150
25W to 150W low cost
HWS15 - 1800
15W to 1800W limited lifetime warranty
SWS300 - 1000
300 to 1000W single output
Other Related Products
/L
No cover or fan (U channel)
Blank
Cover and fan
Options
Suffix
Description



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com