Electronic Components Datasheet Search
  English  ▼

X  

46064 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 46064
Description  Mini-Fit H2O??Sealed Interconnect System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

46064 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  46064 Datasheet HTML 1Page - Molex Electronics Ltd. 46064 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MARKETS AND APPLICATIONS
ORDERING INFORMATION
I
Vending
- Drink dispensers
- Food service equipment
I
Automotive / Motorcycles
I
Medical
I
Industrial Equipment
- Outdoor lighting
- Conveyer-belt controls
I
Outdoor Entertainment
- Hot tubs
- Swimming pools
I
Recreation Vehicles
- ATV
- Golf carts
- Boats
- Jet skis and snowmobiles
I
Material Handling Equipment
- Forklifts
- Agricultural equipment
I
Solar and Renewable Energy
Mini-Fit H2O™
Sealed Interconnect System
4.20mm (.165") Pitch
Order No. 987650-3191
USA/GF/2010.09
© 2010, Molex
www.molex.com/link/MiniFitH2O.html
Order No.
Component
Circuits
46064-0032
Receptacle
2
46065-0032
Plug
Receptacle and Plug Assembly
Order No.
Gender
Plating
Packaging
46055-0005
Female
Tin
Reel
46055-0006
Female
30µ” Select Gold
46056-0002
Male
Tin
46056-0003
Male
30µ” Select Gold
46055-0007
Female
Tin
Bag
46055-0008
Female
30µ” Select Gold
46056-0004
Male
Tin
46056-0005
Male
30µ” Select Gold
Crimp Terminals
46055 Female Terminal
46056 Male Terminal
46064 Receptacle Assembly
46065 Plug Assembly



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com